Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1USB1-3713 Datasheet(PDF) 1 Page - Allied Components International

Part # AR1USB1-3713
Description  Single Port RJ45 & Single Port USB Combo
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR1USB1-3713 Datasheet(HTML) 1 Page - Allied Components International

  AR1USB1-3713 Datasheet HTML 1Page - Allied Components International AR1USB1-3713 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
03/05/12
All specifications subject to change without notice.
MECHANICAL
Single Port RJ45 & Single Port USB Combo
AR1USB1-3713
10/100 Base T Ethernet Application
Single Port USB 2.0
Transmit open circuit inductance (OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
Storage temperature range: -40ºC to +85ºC
Standard operating temp: 0ºC to +70ºC
Contact Factory for Industrial Temp.
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
(±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
30-60MHz
AR1USB1-3713
350
1CT:1CT
1.0
-18
-16
60-80MHz
-12
Electrical Specifications @ 25°C
Part
Number
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(VDC)
1-100MHz
AR1USB1-3713
-30
2250
1-100MHz
-30
60Sec.


Similar Part No. - AR1USB1-3713

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR1USB1-3711 ALLIED-AR1USB1-3711 Datasheet
441Kb / 2P
   Single Port RJ45 & Single Port USB Combo
AR1USB1-3712 ALLIED-AR1USB1-3712 Datasheet
444Kb / 2P
   Single Port RJ45 & Single Port USB Combo
More results

Similar Description - AR1USB1-3713

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR1USB1-3712 ALLIED-AR1USB1-3712 Datasheet
444Kb / 2P
   Single Port RJ45 & Single Port USB Combo
AR1USB1-3826 ALLIED-AR1USB1-3826 Datasheet
462Kb / 2P
   Single Port RJ45 & Single Port USB Combo
AR1USB1-3711 ALLIED-AR1USB1-3711 Datasheet
441Kb / 2P
   Single Port RJ45 & Single Port USB Combo
AR1USB1-4068 ALLIED-AR1USB1-4068 Datasheet
1Mb / 2P
   Single Port RJ45 and Single Port USB Combo
AR1USB2-3785 ALLIED-AR1USB2-3785 Datasheet
802Kb / 2P
   Single Port RJ45 & Dual Port USB Combo
AR1USB2-3700 ALLIED-AR1USB2-3700 Datasheet
552Kb / 2P
   Single Port RJ45 & Dual Port USB Combo
AR1USB2-3698 ALLIED-AR1USB2-3698 Datasheet
790Kb / 2P
   Single Port RJ45 & Dual Port USB Combo
AR1USB2-3785I ALLIED-AR1USB2-3785I Datasheet
889Kb / 2P
   Single Port RJ45 & Dual Port USB Combo
AR1USB2-3699I ALLIED-AR1USB2-3699I Datasheet
1Mb / 2P
   Single Port RJ45 & Dual Port USB Combo
AR11-3960I ALLIED-AR11-3960I Datasheet
391Kb / 2P
   SINGLE PORT RJ45
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com