Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7376
Description  -15 V Operation Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7376 Datasheet HTML 2Page - Analog Devices AD7376 Datasheet HTML 3Page - Analog Devices AD7376 Datasheet HTML 4Page - Analog Devices AD7376 Datasheet HTML 5Page - Analog Devices AD7376 Datasheet HTML 6Page - Analog Devices AD7376 Datasheet HTML 7Page - Analog Devices AD7376 Datasheet HTML 8Page - Analog Devices AD7376 Datasheet HTML 9Page - Analog Devices AD7376 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7376
–6–
REV. 0
FREQUENCY – Hz
–18
–24
–36
–48
–6
–12
–30
–42
A
B
W
OP275
VSS = –15V
VAMPL = 50mVrms
VDD = +15V
0
1k
100k
RAB = 100k
1M
10k
CODE = 7FH
40H
20H
10H
08H
04H
02H
01H
Figure 20. 100 k
Ω Gain vs. Frequency
vs. Code
VDD = +15V
VSS = –15V
VAMPL = 50mVrms
CODE = 40H
FREQUENCY – Hz
0
–0.4
–0.8
–0.2
–0.6
10
100k
1M
10k
50k
100k
1M
A
B
W
OP275
–0.1
–0.7
–0.5
–0.3
0.1
–0.9
100
1k
RAB = 10k
Figure 23. Gain Flatness vs Fre-
quency vs. Nominal Resistance RAB
TEMPERATURE – C
–55
1.0
–35 –15
5
25
0.001
0.010
0.1
45
65
85 105 125
ISS@VSS = –15V, VLOGIC = +15V
IDD@VDD = +5V, VLOGIC = +0.8V
IDD@VDD = +5V, VLOGIC = +5V
IDD@VDD = +15V, VLOGIC = 0V
IDD@VDD = +15V, VLOGIC = +5V
RAB = 50k
10
Figure 26. Supply Current (IDD, ISS)
vs. Temperature
VDD = +15V
VSS = –15V
VAMPL = 50mVrms
CODE = 40H
FREQUENCY – Hz
–18
–24
–36
–48
–6
–12
–30
–42
0
1k
100k
1M
10k
50k
100k
RAB = 1M
–54
10k
A
B
W
OP275
Figure 21. –3 dB Bandwidth vs.
Nominal Resistance
+PSRR
VDD = +15V 10%
VSS = –15V
–PSRR
VDD = +15V
VSS = –15V 10%
+PSRR
VDD = +5V 10%
VSS = –5V
–PSRR
VDD = +5V
VSS = –5V 10%
FREQUENCY – Hz
10
100
1k
10k
100k
90
80
10
70
60
50
40
30
20
Figure 24. Power Supply Rejection
vs. Frequency
TEMPERATURE – C
–55
1.0
–35 –15
5
25
0.001
0.010
0.1
VDD = +15V
VSS = –15V
45
65
85 105 125
Figure 27. IA_SD Shutdown Current vs.
Temperature
235.2 s
20m
HO2 s
B
Lw
VDD = +15V
VSS = –15V
A2
2.9 V
DLY
Figure 22. Clock Feedthrough
VB – Volts
250
–15
–10
–5
0
5
200
50
0
150
100
VDD = +5V
VSS = –5V
300
350
400
TA = +25 C
SEE FIGURE 38 TEST CIRCUIT
VDD = +15V
VSS = –15V
10
15
Figure 25. Incremental Wiper
Contact Resistance vs.
Common-Mode Voltage
CLOCK FREQUENCY – Hz
1k
10k
100k
1M
10M
4.0
3.5
0.0
3.0
2.5
2.0
1.5
1.0
0.5
DATA = 55H
DATA = 3FH
VDD = +15V,
VSS = –15V
VA = +2.5V
VB = 0
TA = +25 C
Figure 28. IDD Supply Current vs.
Input Clock Frequency


Similar Part No. - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD7376 AD-AD7376 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD7376 AD-AD7376 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results

Similar Description - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com