Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376AN100 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7376AN100
Description  -15 V Operation Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376AN100 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7376AN100 Datasheet HTML 4Page - Analog Devices AD7376AN100 Datasheet HTML 5Page - Analog Devices AD7376AN100 Datasheet HTML 6Page - Analog Devices AD7376AN100 Datasheet HTML 7Page - Analog Devices AD7376AN100 Datasheet HTML 8Page - Analog Devices AD7376AN100 Datasheet HTML 9Page - Analog Devices AD7376AN100 Datasheet HTML 10Page - Analog Devices AD7376AN100 Datasheet HTML 11Page - Analog Devices AD7376AN100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7376
–11–
REV. 0
14-Lead Plastic DIP
(N-14)
14
17
8
0.795 (20.19)
0.725 (18.42)
0.280 (7.11)
0.240 (6.10)
PIN 1
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
14-Lead TSSOP
(RU-14)
14
8
7
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Wide Body SOIC
(R-16)
16
9
8
1
0.4133 (10.50)
0.3977 (10.00)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°


Similar Part No. - AD7376AN100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100 AD-AD7376ARUZ100 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100-R7 AD-AD7376ARUZ100-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ50 AD-AD7376ARUZ50 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results

Similar Description - AD7376AN100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com