Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD736AR
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736AR Datasheet(HTML) 8 Page - Analog Devices

  AD736AR Datasheet HTML 1Page - Analog Devices AD736AR Datasheet HTML 2Page - Analog Devices AD736AR Datasheet HTML 3Page - Analog Devices AD736AR Datasheet HTML 4Page - Analog Devices AD736AR Datasheet HTML 5Page - Analog Devices AD736AR Datasheet HTML 6Page - Analog Devices AD736AR Datasheet HTML 7Page - Analog Devices AD736AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD736
REV. C
–8–
The input coupling capacitor, CC, in conjunction with the 8 kΩ
internal input scaling resistor, determine the –3 dB low fre-
quency rolloff. This frequency, FL, is equal to:
F
L =
1
2
π(8,000)(TheValue of C
C in Farads )
Note that at FL, the amplitude error will be approximately
–30% (–3 dB) of reading. To reduce this error to 0.5% of read-
ing, choose a value of CC that sets FL at one tenth the lowest
frequency to be measured.
In addition, if the input voltage has more than 100 mV of dc
offset, than the ac coupling network shown in Figure 21 should
be used in addition to capacitor CC.
Applications Circuits
Figure 19. AD736 with a High Impedance Input Attenuator
Figure 20. Differential Input Connection
Figure 21. External Output VOS Adjustment
Figure 22. Battery Powered Option
Figure 23. Low Z, AC Coupled Input Connection
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).


Similar Part No. - AD736AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD736AR-REEL AD-AD736AR-REEL Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736AR-REEL7 AD-AD736AR-REEL7 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736ARZ AD-AD736ARZ Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736ARZ-R7 AD-AD736ARZ-R7 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736ARZ-RL AD-AD736ARZ-RL Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results

Similar Description - AD736AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com