Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF10B60D Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOTF10B60D
Description  AOTF10B60D
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF10B60D Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOTF10B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOTF10B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AOTF10B60D
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
F (V)
Fig 4: Diode Characteristic
25°C
150°C
-40°C
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
V
CE(V)
Fig 1: Output Characteristic
(T
j=25°C )
9V
20V
17V
15V
11V
V
GE= 7V
13V
0
10
20
30
40
50
4
7
10
13
16
V
GE(V)
Fig 3: Transfer Characteristic
150°C
25°C
-40°C
V
CE=20V
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
V
CE(V)
Fig 2: Output Characteristic
(T
j=150°C )
V
GE=7V
9V
20V
17V
15V
11V
13V
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
F (V)
Fig 4: Diode Characteristic
25°C
150°C
-40°C
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
V
CE(V)
Fig 1: Output Characteristic
(T
j=25°C )
9V
20V
17V
15V
11V
V
GE= 7V
13V
0
10
20
30
40
50
4
7
10
13
16
V
GE(V)
Fig 3: Transfer Characteristic
150°C
25°C
-40°C
0
1
2
3
4
0
25
50
75
100
125
150
Temperature (°C)
Fig 5: Collector-Emitter Saturation Voltage vs.
Junction Temperature
I
C=20A
I
C=5A
I
C=10A
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
5
8
11
14
17
20
V
GE (V)
Fig 6: V
GE vs. Short Circuit Time
(V
CE=400V,TC=25°C
)
V
CE=20V
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
V
CE(V)
Fig 2: Output Characteristic
(T
j=150°C )
V
GE=7V
9V
20V
17V
15V
11V
13V
Rev0: July 2012
www.aosmd.com
Page 3 of 9


Similar Part No. - AOTF10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF10B60D2 AOSMD-AOTF10B60D2 Datasheet
727Kb / 9P
   600V, 10A Alpha IGBT TM with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com