Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF15B60D Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOTF15B60D
Description  600V, 15A Alpha IGBT with Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF15B60D Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  AOTF15B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOTF15B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AOTF15B60D
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
150°C
25°C
150°C
25°C
T
rr
S
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
25
30
35
25°C
150°C
150°C
25°C
Q
rr
I
rm
13V
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
0
25
50
75
100
125
150
175
Temperature (°C )
Fig 20: Diode Reverse Leakage Current vs.
Junction Temperature
V
CE=600V
V
CE=400V
0.2
0.6
1
1.4
1.8
0
25
50
75
100
125
150
175
Temperature (°C )
Fig 21: Diode Forward voltage vs. Junction
Temperature
15A
10A
5A
IF=1A
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
I
S (A)
Fig 23: Diode Reverse Recovery Time and Softness
Factor vs. Conduction Current
(V
GE=15V,VCE=400V, di/dt=200A/µ
µµµs)
150°C
25°C
150°C
25°C
T
rr
S
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
25
30
35
I
F(A)
Fig 22: Diode Reverse Recovery Charge and Peak
Current vs. Conduction Current
(V
GE=15V,VCE=400V, di/dt=200A/µ
µµµs)
25°C
150°C
150°C
25°C
Q
rr
I
rm
13V
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
0
25
50
75
100
125
150
175
Temperature (°C )
Fig 20: Diode Reverse Leakage Current vs.
Junction Temperature
V
CE=600V
V
CE=400V
0.2
0.6
1
1.4
1.8
0
25
50
75
100
125
150
175
Temperature (°C )
Fig 21: Diode Forward voltage vs. Junction
Temperature
15A
10A
5A
IF=1A
0
4
8
12
16
20
0
50
100
150
200
250
300
100
200
300
400
500
600
700
800
900
di/dt (A/
µµµµS)
Fig 25: Diode Reverse Recovery Time and Softness
Factor vs. di/dt
(V
GE=15V,VCE=400V,IF=15A)
25°C
150°C
25°C
150°C
T
rr
S
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
1400
1600
100
200
300
400
500
600
700
800
900
di/dt (A/
µµµµS)
Fig 24: Diode Reverse Recovery Charge and Peak
Current vs. di/dt
(V
GE=15V,VCE=400V,IF=15A)
150°C
25°C
150°C
25°C
Q
rr
I
rm
Rev0: July 2012
www.aosmd.com
Page 7 of 9


Similar Part No. - AOTF15B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF15B60D2 AOSMD-AOTF15B60D2 Datasheet
727Kb / 9P
   600V, 15A Alpha IGBT TM with Diode
More results

Similar Description - AOTF15B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOT15B60D AOSMD-AOT15B60D Datasheet
658Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOTF15B60D2 AOSMD-AOTF15B60D2 Datasheet
727Kb / 9P
   600V, 15A Alpha IGBT TM with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB10B60D AOSMD-AOB10B60D Datasheet
593Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com