Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-1220 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ML-1220
Description  TAB PULLING STRENGTH OVER 14.7N
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ML-1220 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ML-1220 Datasheet HTML 1Page - Panasonic Semiconductor ML-1220 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - ML-1220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ML-1210 MOLEX4-ML-1210 Datasheet
110Kb / 2P
   Multi-Lock Connector for 10-12 AWG Wire
More results

Similar Description - ML-1220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML-2020 PANASONIC-ML-2020 Datasheet
200Kb / 1P
   TAB PULLING STRENGTH OVER 14.7N
BR-2330A PANASONIC-BR-2330A Datasheet
196Kb / 1P
   TAB PULLING STRENGTH OVER 19.6M TAB MATERIAL : STAINLESS WITH TIN PLATING
logo
List of Unclassifed Man...
BR-2477A ETC2-BR-2477A Datasheet
192Kb / 1P
   TAB PULLING STAENGTH OVER 19.6N
logo
Molex Electronics Ltd.
1300950275 MOLEX-1300950275 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950276 MOLEX-1300950276 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950274 MOLEX11-1300950274 Datasheet
37Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
130095-0275 MOLEX11-130095-0275 Datasheet
44Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
1300950275 MOLEX11-1300950275 Datasheet
37Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
130095-0274 MOLEX11-130095-0274 Datasheet
36Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com