Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7478 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7478
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478 Datasheet(HTML) 1 Page - Analog Devices

  AD7478 Datasheet HTML 1Page - Analog Devices AD7478 Datasheet HTML 2Page - Analog Devices AD7478 Datasheet HTML 3Page - Analog Devices AD7478 Datasheet HTML 4Page - Analog Devices AD7478 Datasheet HTML 5Page - Analog Devices AD7478 Datasheet HTML 6Page - Analog Devices AD7478 Datasheet HTML 7Page - Analog Devices AD7478 Datasheet HTML 8Page - Analog Devices AD7478 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD7476/AD7477/AD7478*
1 MSPS, 12-/10-/8-Bit ADCs
in 6-Lead SOT-23
*Protected by U.S.Patent No. 6,681,332.
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for VDD of 2.35 V to 5.25 V
Low Power:
3.6 mW Typ at 1 MSPS with 3 V Supplies
15 mW Typ at 1 MSPS with 5 V Supplies
Wide Input Bandwidth:
70 dB SNR at 100 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface
SPI®/QSPI™/MICROWIRE™/DSP Compatible
Standby Mode: 1
A Max
6-Lead SOT-23 Package
APPLICATIONS
Battery-Powered Systems
Personal Digital Assistants
Medical Instruments
Mobile Communications
Instrumentation and Control Systems
Data Acquisition Systems
High Speed Modems
Optical Sensors
FUNCTIONAL BLOCK DIAGRAM
T/H
AD7476/AD7477/AD7478
SCLK
SDATA
CS
VIN
VDD
GND
8-/10-/12-BIT
SUCCESSIVE-
APPROXIMATION
ADC
CONTROL
LOGIC
GENERAL DESCRIPTION
The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit,
and 8-bit, high speed, low power, successive-approximation
ADCs. The parts operate from a single 2.35 V to 5.25 V power
supply and feature throughput rates up to 1 MSPS. The parts
contain a low noise, wide bandwidth track-and-hold amplifier
that can handle input frequencies in excess of 6 MHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of
CS and the conversion is also initiated at this
point. There are no pipeline delays associated with the part.
The AD7476/AD7477/AD7478 use advanced design techniques
to achieve very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD. This
allows the widest dynamic input range to the ADC. Thus the
analog input range for the part is 0 V to VDD. The conversion
rate is determined by the SCLK.
PRODUCT HIGHLIGHTS
1. First 12-/10-/8-Bit ADCs in a SOT-23 Package.
2. High Throughput with Low Power Consumption.
3. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. This allows the average power consumption
to be reduced while not converting. The part also features a
shutdown mode to maximize power efficiency at lower
throughput rates. Current consumption is 1
µA maximum
when in shutdown.
4. Reference Derived from the Power Supply.
5. No Pipeline Delay.
The parts feature a standard successive-approximation ADC
with accurate control of the sampling instant via a
CS input
and once-off conversion control.


Similar Part No. - AD7478

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7478 AD-AD7478 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478AAKS-500RL7 AD-AD7478AAKS-500RL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7478AAKS-REEL AD-AD7478AAKS-REEL Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7478AAKS-REEL7 AD-AD7478AAKS-REEL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7478AAKSZ-500RL7 AD-AD7478AAKSZ-500RL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
More results

Similar Description - AD7478

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com