Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7476BRT Datasheet(PDF) 6 Page - Analog Devices

Part # AD7476BRT
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476BRT Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7476BRT Datasheet HTML 2Page - Analog Devices AD7476BRT Datasheet HTML 3Page - Analog Devices AD7476BRT Datasheet HTML 4Page - Analog Devices AD7476BRT Datasheet HTML 5Page - Analog Devices AD7476BRT Datasheet HTML 6Page - Analog Devices AD7476BRT Datasheet HTML 7Page - Analog Devices AD7476BRT Datasheet HTML 8Page - Analog Devices AD7476BRT Datasheet HTML 9Page - Analog Devices AD7476BRT Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. D
–6–
AD7476/AD7477/AD7478
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Output Voltage to GND . . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2
. . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . .
–40
°C to +85°C
Military (S Version) . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOT-23 Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 230
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 92°C/W
Lead Temperature, Soldering
Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . . 235 (0/+5)
°C
Pb-Free Temperature Soldering
Reflow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255 (0/+5)
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Transient currents of up to 100 mA will not cause SCR latch-up.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7476/AD7477/AD7478 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Linearity
Package
Branding
Model
Range
Error (LSB)
1
Option
2
Information
AD7476ART-500RL7
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476ART-REEL
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476ART-REEL7
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476ARTZ-500RL7
3
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476ARTZ-REEL
3
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476ARTZ-REEL7
3
–40
°C to +85°C
±1 typ
RT-6
CEA
AD7476BRT-REEL
–40
°C to +85°C
±1.5 max
RT-6
CEB
AD7476BRT-REEL7
–40
°C to +85°C
±1.5 max
RT-6
CEB
AD7476BRTZ-REEL
3
–40
°C to +85°C
±1.5 max
RT-6
CEB
AD7476BRTZ-REEL7
3
–40
°C to +85°C
±1.5 max
RT-6
CEB
AD7476SRT-500RL7
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRT-R2
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRT-REEL
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRT-REEL7
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRTZ-500RL7
3
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRTZ-R2
3
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRTZ-REEL
3
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7476SRTZ-REEL7
3
–55
°C to +125°C
±1.5 max
RT-6
CES
AD7477ART-500RL7
–40
°C to +85°C
±1 max
RT-6
CFA
AD7477ART-REEL
–40
°C to +85°C
±1 max
RT-6
CFA
AD7477ART-REEL7
–40
°C to +85°C
±1 max
RT-6
CFA
AD7477SRT-500RL7
–55
°C to +125°C
±1 max
RT-6
CFS
AD7477SRT-R2
–55
°C to +125°C
±1 max
RT-6
CFS
AD7477SRT-REEL
–55
°C to +125°C
±1 max
RT-6
CFS
AD7477SRT-REEL7
–55
°C to +125°C
±1 max
RT-6
CFS
AD7478ART-500RL7
–40
°C to +85°C
±0.5 max
RT-6
CJA
AD7478ART-REEL
–40
°C to +85°C
±0.5 max
RT-6
CJA
AD7478ART-REEL7
–40
°C to +85°C
±0.5 max
RT-6
CJA
AD7478SRT-500RL7
–55
°C to +125°C
±0.5 max
RT-6
CJS
AD7478SRT-R2
–55
°C to +125°C
±0.5 max
RT-6
CJS
AD7478SRT-REEL7
–55
°C to +125°C
±0.5 max
RT-6
CJS
EVAL-AD7476CB
4
Evaluation Board
EVAL-AD7477CB
4
Evaluation Board
EVAL-CONTROL BRD2
5
Control Board
NOTES
1Linearity Error here refers to integral linearity error.
2RT = SOT-23.
3Z = Pb free.
4This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete
evaluation kit, you need to order the particular ADC evaluation board, e.g., EVAL-AD7476CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See relevant
evaluation board application note for more information.


Similar Part No. - AD7476BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476BRTZ-R23 AD-AD7476BRTZ-R23 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476BRTZ-REEL3 AD-AD7476BRTZ-REEL3 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476BRTZ-REEL73 AD-AD7476BRTZ-REEL73 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results

Similar Description - AD7476BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com