Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2530E24CZ1 Datasheet(PDF) 2 Page - Anaren Microwave

Part # A2530E24CZ1
Description  The A2530E24CZ1 is a high-performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A2530E24CZ1 Datasheet(HTML) 2 Page - Anaren Microwave

  A2530E24CZ1 Datasheet HTML 1Page - Anaren Microwave A2530E24CZ1 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anaren, Inc. / 6635 Kirkville Road / East Syracuse, NY 13057
800.411.6596 / http://www.anaren.com / AIR@anaren.com
The A2530E24CZ1 is a high-performance, FCC & IC certified
and ETSI-compliant connectorized ZigBee®/IEEE 802.15.4 RF
SOC module that incorporates the Texas Instruments CC2530
transceiver chip and CC2591 range extender in the industry’s
smallest package (11 x 19 x 2.5 mm). The module incorporates
a crystal, the required RF matching and filtering for regulatory
compliance, plus filtering on select digital lines for better noise
reduction and sensitivity. The modules operate in the global
non-licensed 2.4GHz ISM/SRD frequency band. These radio
modules are ideal for achieving low power wireless
connectivity without having to deal with extensive Protocol, RF
design and regulatory compliance, allowing quick time to
market. The modules are 100% RF-tested to provide
consistent performance.
The A2530E24CZ1 has an RoHS-compliant ENIG finish and
is packaged on tape & reel or in matrix trays for high-volume
automated manufacturing.
Module Block Diagram
Product overview
Nomenclature
Pin diagram
Layout Information
A
(Anaren)
1 Chip series
(CC1101, CC2500, CC2530, CC8520)
2 Function
(R = radio only, E = Range Extender)
3 Frequency band
(x 100MHz)
4 Form factor
(A = Internal Antenna, C = Connector)
5 Design ID
(Z1 = Loaded with Anaren AIR-ZNP
for the ZigBee® Standard)
6 Application
(G = General)
7 Packaging
(R = Reel, M = Matrix Tray)
See product User’s Manual for detailed information.
Ground detail (corner)
Ground detail (edge)
Caution! ESD sensitive device.
Precautions should be used when
handling the device in order to
prevent permanent damage.
Pin-out shown is for operation using the AIR-ZNP firmware for
the ZigBee® Standard. See User’s Manual for detailed pin
descriptions.
DNC = “Do Not Connect”. Pin
reserved for internal use,
ensure mating footprint pads
are isolated.
GND = “Ground”. Connect the
maximum number possible
(minimum one for proper
operation).
1237a
Footprint (PWB)


Similar Part No. - A2530E24CZ1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530E24A ANAREN-A2530E24A Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
A2530E24A-LPZ ANAREN-A2530E24A-LPZ Datasheet
912Kb / 2P
   Includes three A2530E24A AIR Module BoosterPacks
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
A2530E24AZ1 ANAREN-A2530E24AZ1_14 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
More results

Similar Description - A2530E24CZ1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
   The RT9038 is a high-performance
logo
Anaren Microwave
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
   The A2500R24C is a high-performance
A2500R24A_EM1 ANAREN-A2500R24A_EM1 Datasheet
779Kb / 2P
   The A2500R24A-EM1 is a high-performance
A1101R09C-EM1 ANAREN-A1101R09C-EM1 Datasheet
709Kb / 2P
   The A1101R09C-EM1 is a high-performance
A2500R24C-EM1 ANAREN-A2500R24C-EM1 Datasheet
780Kb / 2P
   The A2500R24C-EM1 is a high-performance
A1101R08A-EM1 ANAREN-A1101R08A-EM1 Datasheet
737Kb / 2P
   The A1101R08A-EM1 is a high-performance
logo
Richtek Technology Corp...
RT2517A RICHTEK-RT2517A Datasheet
141Kb / 11P
   The RT2517A is a high performance positive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com