Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSE Datasheet(PDF) 1 Page - DDK Ltd.

Part # FSE
Description  Locking-with-one-touch system
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FSE Datasheet(HTML) 1 Page - DDK Ltd.

  FSE Datasheet HTML 1Page - DDK Ltd. FSE Datasheet HTML 2Page - DDK Ltd. FSE Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
http://www.ddknet.co.jp
RoHS
Compliant
RoHS
Compliant
Environment Resistant Type
Optical / Electrical Combined Connectors
FSE Series
Environmental
performance
Operating Temperature
-25℃ to +70℃
Relative Moisture
When not Connected
80% max.
When Connected
100%
Waterproof Rating
When Connected
IP67
Mechanical
performance
Mating Cycle
500 times
Optical
performance
Insertion Loss
Fiber
SM 10/125
GI 50/125
PC Polish
0.7dB max.
0.5dB max.
Electric
performance
Applicable Wire Size
AWG16 Max.
Dielectric Withstanding Voltage
1500V DC
Insulation Resistance
1,000 M Ω min.(500V DC)
Contact Resistance
10 m Ω max.
20110609
FEATURE
SPECIFICATIONS
OUTLINE
FSE connector is mobile phone base stations,
computer information proven connection is
waterproof connector outdoor surveillance
cameras.
Locking-with-one-touch system
 It has erroneous-engagement prevention mechanism including five positioning keys at the
engagement section. Insert the connector, turn the coupling clockwise until a click sounds,
which means that secure engagement has been attained.
Waterproof (oil-resistant) and dust-resistant design (IP67)
Receptacle has an O ring, so once it is mated with a plug, the mating section prevents
perfectly invasion of water drops, cutting oil and dusts.
The cable-connection side of plug has a cable cramp with rubber bushing meeting the
requirement for waterproofness.
Combined optical and electric arrangement.
  Combined optical and electrical connection combination of max eight conductors the is available.


Similar Part No. - FSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FSE VISHAY-FSE Datasheet
168Kb / 5P
   Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
Revision: 06-Dec-16
logo
M-System Co.,Ltd.
FSE MSYSTEM-FSE Datasheet
97Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSE-160-K MSYSTEM-FSE-160-K Datasheet
97Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSE-160-K/Q MSYSTEM-FSE-160-K/Q Datasheet
97Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSE-160-L MSYSTEM-FSE-160-L Datasheet
97Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FSE

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
List of Unclassifed Man...
IL13-C14-H05-3100-200 ETC2-IL13-C14-H05-3100-200 Datasheet
2Mb / 3P
   Power Cord with Locking System
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
FIBOX Enclosing innovat...
8120987 FIBOX-8120987 Datasheet
41Kb / 1P
   Locking 455E system
24.07.2023
8120865 FIBOX-8120865 Datasheet
42Kb / 1P
   Locking 1242E system
24.07.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com