Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3414 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO3414
Description  20V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3414 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO3414 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3414 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3414 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3414 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO3414 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AO3414
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
4
8
12
16
0
1
2
3
4
5
V
DS (Volts)
Figure 1: On-Region Characteristics
V
GS=1.5V
2V
2.5V
4.5V
0
4
8
12
16
0
0.5
1
1.5
2
2.5
V
GS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
V
DS=5V
40
60
80
100
120
0
3
6
9
12
V
GS=1.8V
V
GS=2.5V
V
GS=4.5V
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150 175
V
GS=1.8V
I
D=2.5A
V
GS=4.5V
I
D=3A
V
GS=2.5V
I
D=2.8A
Rev 7: July 2010
www.aosmd.com
Page 3 of 5
12
0
4
8
12
16
0
1
2
3
4
5
V
DS (Volts)
Figure 1: On-Region Characteristics
V
GS=1.5V
2V
2.5V
4.5V
0
4
8
12
16
0
0.5
1
1.5
2
2.5
V
GS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
V
DS=5V
40
60
80
100
120
0
3
6
9
12
I
D (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
V
GS=1.8V
V
GS=2.5V
V
GS=4.5V
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25°
125°C
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150 175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=1.8V
I
D=2.5A
V
GS=4.5V
I
D=3A
V
GS=2.5V
I
D=2.8A
40
60
80
100
120
0
2
4
6
8
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
I
D=3A
25°
125°C
Rev 7: July 2010
www.aosmd.com
Page 3 of 5


Similar Part No. - AO3414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3414 AOSMD-AO3414 Datasheet
113Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3414 KEXIN-AO3414 Datasheet
53Kb / 2P
   N-Channel Enhancement Mode
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
AO3414 VBSEMI-AO3414 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO3414-3 KEXIN-AO3414-3 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - AO3414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com