Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHV-16 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # SHV-16
Description  16kV 5mA HIGH VOLTAGE DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SHV-16 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SHV-16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
16kV 5mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
SHV-16
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
120
120
-40 to +120
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
SHV-16
Cathode Mark
27 min.
27 min.
12
o 3.0
o 0.6
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
1.0
Type
SHV-16
SHV-16
43
5.0
2.0
0.5
16
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
=IF(AV)
The SHV series of diodes have been miniaturized
by resin on the assumption fo remolding. Measures
against creeping discharge and humidity stress must
be taken when using these diodes.


Similar Part No. - SHV-16

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SHV-16 SANKEN-SHV-16 Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
SHV-16 SANKEN-SHV-16 Datasheet
29Kb / 2P
   High-Voltage Rectifier Diodes
logo
SUNMATE electronic Co.,...
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
logo
Sanken electric
SHV-16UK SANKEN-SHV-16UK Datasheet
29Kb / 2P
   High-Voltage Rectifier Diodes
More results

Similar Description - SHV-16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL75 GETEDZ-2CL75 Datasheet
78Kb / 1P
   5mA 16kV HIGH VOLTAGE DIODES
2CL75 GETEDZ-2CL75_16 Datasheet
78Kb / 1P
   5mA 16kV HIGH VOLTAGE DIODES
ESJA53-16A GETEDZ-ESJA53-16A Datasheet
79Kb / 1P
   5mA 16kV HIGH VOLTAGE SILICON RECTIFIER DIODES
HVP16 GETEDZ-HVP16 Datasheet
159Kb / 1P
   16kV 750mA HIGH VOLTAGE DIODES
HC16 GETEDZ-HC16 Datasheet
161Kb / 1P
   16kV 1.0A HIGH VOLTAGE DIODES
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
   16kV 750mA HIGH VOLTAGE DIODES
ESJG05F16 GETEDZ-ESJG05F16_16 Datasheet
82Kb / 1P
   16kV 50mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
   4.0kV 5mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
   20kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
   4.0kV 5mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com