Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3438 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO3438
Description  20V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3438 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO3438_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3438_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3438_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3438_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO3438
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
12
0
4
8
12
16
0
1
2
3
4
5
VDS (Volts)
Figure 1: On-Region Characteristics
VGS=1.5V
2V
2.5V
4.5V
0
4
8
12
16
0
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS=5V
40
60
80
100
120
0
3
6
9
12
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS=1.8V
VGS=2.5V
VGS=4.5V
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=1.8V
ID=2A
VGS=4.5V
ID=3A
VGS=2.5V
ID=2.8A
40
60
80
100
120
0
2
4
6
8
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=3A
25°C
125°C
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO3438_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3438-3 KEXIN-AO3438-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3438-HF KEXIN-AO3438-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3438-HF-3 KEXIN-AO3438-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3438_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com