Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


PM7524 Datasheet(PDF) 1 Page - Analog Devices

Part No. PM7524
Description  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

   
 1 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
8-Bit Buffered Multiplying DAC
AD7524
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Microprocessor Compatible (6800, 8085, Z80, Etc.)
TTL/CMOS Compatible Inputs
On-Chip Data Latches
Endpoint Linearity
Low Power Consumption
Monotonicity Guaranteed (Full Temperature Range)
Latch Free (No Protection Schottky Required)
APPLICATIONS
Microprocessor Controlled Gain Circuits
Microprocessor Controlled Attenuator Circuits
Microprocessor Controlled Function Generation
Precision AGC Circuits
Bus Structured Instruments
GENERAL DESCRIPTION
The AD7524 is a low cost, 8-bit monolithic CMOS DAC
designed for direct interface to most microprocessors.
Basically an 8-bit DAC with input latches, the AD7524’s load
cycle is similar to the “write” cycle of a random access
memory. Using an advanced thin-film on CMOS fabrication
process, the AD7524 provides accuracy to 1/8 LSB with a typi-
cal power dissipation of less than 10 milliwatts.
A newly improved design eliminates the protection Schottky
previously required and guarantees TTL compatibility when
using a +5 V supply. Loading speed has been increased for
compatibility with most microprocessors.
Featuring operation from +5 V to +15 V, the AD7524 inter-
faces directly to most microprocessor buses or output ports.
Excellent multiplying characteristics (2- or 4-quadrant) make
the AD7524 an ideal choice for many microprocessor con-
trolled gain setting and signal control applications.
FUNCTIONAL BLOCK DIAGRAM
ORDERING GUIDE
Temperature
Nonlinearity
Package
Model
1
Range
(VDD = +15 V)
Option
2
AD7524JN
–40
°C to +85°C
±1/2 LSB
N-16
AD7524KN
–40
°C to +85°C
±1/4 LSB
N-16
AD7524LN
–40
°C to +85°C
±1/8 LSB
N-16
AD7524JP
–40
°C to +85°C
±1/2 LSB
P-20A
AD7524KP
–40
°C to +85°C
±1/4 LSB
P-20A
AD7524LP
–40
°C to +85°C
±1/8 LSB
P-20A
AD7524JR
–40
°C to +85°C
±1/2 LSB
R-16A
AD7524AQ
–40
°C to +85°C
±1/2 LSB
Q-16
AD7524BQ
–40
°C to +85°C
±1/4 LSB
Q-16
AD7524CQ
–40
°C to +85°C
±1/8 LSB
Q-16
AD7524SQ
–55
°C to +125°C
±1/2 LSB
Q-16
AD7524TQ
–55
°C to +125°C
±1/4 LSB
Q-16
AD7524UQ
–55
°C to +125°C
±1/8 LSB
Q-16
AD7524SE
–55
°C to +125°C
±1/2 LSB
E-20A
AD7524TE
–55
°C to +125°C
±1/4 LSB
E-20A
AD7524UE
–55
°C to +125°C
±1/8 LSB
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add/883B to part number.
Contact your local sales office for military data sheet. For U.S. Standard
Military Drawing (SMD) see DESC drawing #5962-87700.
2E = Leadless Ceramic Chip Carrier: N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip; R = SOIC.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD7528CMOS Dual 8-Bit Buffered Multiplying DAC 1 2 3 4 5 MoreAnalog Devices
AD7628CMOS Dual 8-Bit Buffered Multiplying DAC 1 2 3 4 5 MoreAnalog Devices
MX7545CMOS 12-Bit Buffered Multiplying DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX7524CMOS 8-Bit Buffered Multiplying DACs 1 2 3 4 5 MoreMaxim Integrated Products
MX7524CMOS 8-Bit Buffered Multiplying DACs 1 2 3 4 5 MoreMaxim Integrated Products
MX7528CMOS Dual 8-Bit Buffered Multiplying DACs 1 2 3 4 5 MoreMaxim Integrated Products
MP75L24LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreExar Corporation
MP7528CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter 1 2 3 4 5 MoreExar Corporation
DAC7528CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
MP7529B5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl