Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL6408A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL6408A
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL6408A Datasheet HTML 2Page - NXP Semiconductors PCAL6408A Datasheet HTML 3Page - NXP Semiconductors PCAL6408A Datasheet HTML 4Page - NXP Semiconductors PCAL6408A Datasheet HTML 5Page - NXP Semiconductors PCAL6408A Datasheet HTML 6Page - NXP Semiconductors PCAL6408A Datasheet HTML 7Page - NXP Semiconductors PCAL6408A Datasheet HTML 8Page - NXP Semiconductors PCAL6408A Datasheet HTML 9Page - NXP Semiconductors PCAL6408A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
6 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
5.2 Pin description
[1]
All I/O are configured as input at power-on.
Table 3.
Pin description
Symbol
Pin
Description
TSSOP16
HVQFN16
XQFN16
VDD(I2C-bus)
1
15
15
Supply voltage of I2C-bus. Connect directly to the VDD of the external
I2C master. Provides voltage-level translation.
ADDR
2
16
16
Address input. Connect directly to VDD(P) or ground.
RESET
3
1
1
Active LOW reset input. Connect to VDD(I2C-bus) through a pull-up
resistor if no active connection is used.
P0[1]
4
2
2
Port P input/output 0.
P1[1]
5
3
3
Port P input/output 1.
P2[1]
6
4
4
Port P input/output 2.
P3[1]
7
5
5
Port P input/output 3.
VSS
8
6
6
Ground.
P4[1]
9
7
7
Port P input/output 4.
P5[1]
10
8
8
Port P input/output 5.
P6[1]
11
9
9
Port P input/output 6.
P7[1]
12
10
10
Port P input/output 7.
INT
13
11
11
Interrupt output. Connect to VDD(I2C-bus) through a pull-up resistor.
SCL
14
12
12
Serial clock bus. Connect to VDD(I2C-bus) through a pull-up resistor.
SDA
15
13
13
Serial data bus. Connect to VDD(I2C-bus) through a pull-up resistor.
VDD(P)
16
14
14
Supply voltage of PCAL6408A for Port P.


Similar Part No. - PCAL6408A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416AEV NXP-PCAL6416AEV Datasheet
2Mb / 54P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
More results

Similar Description - PCAL6408A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com