Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7477SRT-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7477SRT-REEL
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477SRT-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7477SRT-REEL Datasheet HTML 7Page - Analog Devices AD7477SRT-REEL Datasheet HTML 8Page - Analog Devices AD7477SRT-REEL Datasheet HTML 9Page - Analog Devices AD7477SRT-REEL Datasheet HTML 10Page - Analog Devices AD7477SRT-REEL Datasheet HTML 11Page - Analog Devices AD7477SRT-REEL Datasheet HTML 12Page - Analog Devices AD7477SRT-REEL Datasheet HTML 13Page - Analog Devices AD7477SRT-REEL Datasheet HTML 14Page - Analog Devices AD7477SRT-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. D
AD7476/AD7477/AD7478
–11–
Alternatively, because the supply current required by the
AD7476/AD7477/AD7478 is so low, a precision reference can be
used as the supply source to the AD7476/AD7477/AD7478. A
REF19x voltage reference (REF195 for 5 V, or REF193 for 3 V)
can be used to supply the required voltage to the ADC (see
Figure 6). This configuration is especially useful if the power
supply is quite noisy or if the system supply voltages are at some
value other than 5 V or 3 V (e.g., 15 V). The REF19x will output
a steady voltage to the AD7476/AD7477/AD7478. If the low
dropout REF193 is used, the current it typically needs to supply
to the AD7476/AD7477/AD7478 is 1 mA. When the ADC is
converting at a rate of 1 MSPS, the REF193 will need to supply a
maximum of 1.6 mA to the AD7476/AD7477/AD7478. The load
regulation of the REF193 is typically 10 ppm/mA (REF193, VS =
5 V), which results in an error of 16 ppm (48
µV) for the 1.6 mA
drawn from it. This corresponds to a 0.065 LSB error for the
AD7476 with VDD = 3 V from the REF193, a 0.016 LSB error for
the AD7477, and a 0.004 LSB error for the AD7478. For applica-
tions where power consumption is of concern, the Power-Down
mode of the ADC and the Sleep mode of the REF19x reference
should be used to improve power performance. See the Modes of
Operation section.
AD7476/
AD7477/
AD7478
VDD
VIN
GND
0V TO VDD
INPUT
1 F
TANT
0.1 F
REF193
10 F
0.1 F
5V
SUPPLY
SCLK
SDATA
CS
SERIAL
INTERFACE
C/ P
3V
1mA
680nF
Figure 6. REF193 as Power Supply to AD7476/AD7477/
AD7478
Table I provides some typical performance data with various
references used as a VDD source with a low frequency analog
input. Under the same setup conditions, the references were
compared and the AD780 proved the optimum reference.
Table I.
Reference Tied
AD7476 SNR Performance
to VDD
1 kHz Input (dB)
AD780 @ 3 V
71.17
REF193
70.4
AD780 @ 2.5 V
71.35
REF192
70.93
AD1582
70.05
Analog Input
Figure 7 shows an equivalent circuit of the analog input structure
of the AD7476/AD7477/AD7478. The two diodes D1 and D2
provide ESD protection for the analog inputs. Care must be
taken to ensure that the analog input signal never exceeds the
supply rails by more than 300 mV. This will cause these diodes
to become forward-biased and start conducting current into
the substrate. These diodes can conduct a maximum of 10 mA
without causing irreversible damage to the part. The capacitor
C1 in Figure 7 is typically about 4 pF and can primarily be
attributed to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance of a switch. This
resistor is typically about 100
Ω. The capacitor C2 is the ADC
sampling capacitor and typically has a capacitance of 30 pF. For
ac applications, removing high frequency components from the
analog input signal is recommended by use of a band-pass filter
on the relevant analog input pin. In applications where harmonic
distortion and signal-to-noise ratio are critical, the analog input
should be driven from a low impedance source. Large source
impedances will significantly affect the ac performance of the
ADC. This may necessitate the use of an input buffer amplifier.
The choice of the op amp will be a function of the particular
application.
VDD
VIN
C1
4pF
D2
D1
R1
C2
30pF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED
Figure 7. Equivalent Analog Input Circuit
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance will depend on the amount of total harmonic distortion
(THD) that can be tolerated. The THD will increase as the source
impedance increases and performance will degrade. Figure 8
shows a graph of the total harmonic distortion versus source
impedance for different analog input frequencies when using
a supply voltage of 2.7 V and sampling at a rate of 605 kSPS.
Figures 9 and 10 each show a graph of the total harmonic
distortion versus analog input signal frequency for various supply
voltages while sampling at 993 kSPS with an SCLK frequency of
20 MHz and 605 kSPS with an SCLK frequency of 12 MHz,
respectively.
SOURCE IMPEDANCE –
0
10
–10
–20
–30
–40
–50
–60
–70
100
1k
–80
–90
–100
VDD = 2.7V
fS = 605kSPS
fIN = 200kHz
fIN = 300kHz
fIN = 10kHz
fIN = 100kHz
1
10k
Figure 8. THD vs. Source Impedance for Various Analog
Input Frequencies


Similar Part No. - AD7477SRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7477SRTZ-REEL3 AD-AD7477SRTZ-REEL3 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results

Similar Description - AD7477SRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com