Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7660 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS CMOS ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 4 Page - Analog Devices

  AD7660 Datasheet HTML 1Page - Analog Devices AD7660 Datasheet HTML 2Page - Analog Devices AD7660 Datasheet HTML 3Page - Analog Devices AD7660 Datasheet HTML 4Page - Analog Devices AD7660 Datasheet HTML 5Page - Analog Devices AD7660 Datasheet HTML 6Page - Analog Devices AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD7660
–4–
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
IN
2, REF . . . . . . . . . . . . AVDD + 0.3 V to AGND – 0.3 V
INGND, REFGND . . . . . . . . . . . . . . . . . . AGND
± 0.3 V
Ground Voltage Differences
AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD . . . . . . . . . . . . . . . . . . . . . . . . 7 V
AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . .
±7 V
DVDD to OVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Digital Inputs
Except the Data Bus D(7:4) . . . –0.3 V to DVDD + 0.3 V
Data Bus Inputs D(7:4) . . . . . . –0.3 V to OVDD + 0.3 V
Internal Power Dissipation
3
. . . . . . . . . . . . . . . . . . . 700 mW
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2See Analog Input section.
3Specification is for device in free air: 48-Lead LQFP:
θ
JA = 91
°C/W, θ
JC = 30
°C/W.
IOH
500 A
1.6mA
IOL
TO OUTPUT
PIN
1.4V
CL
60pF1
NOTE:
1IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
Figure 1. Load Circuit for Digital Interface Timing
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7660 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7660AST
–40
°C to +85°C
Quad Flatpack (LQFP)
ST-48
AD7660ASTRL
–40
°C to +85°C
Quad Flatpack (LQFP)
ST-48
EVAL-AD7660CB
1
Evaluation Board
EVAL-CONTROL BOARD
2
Controller Board
NOTES
1This board can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
2This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
NC
DGND
OB/
2C
NC
NC
NC = NO CONNECT
SER/
PAR
D0
D1
D2
BUSY
D15
D14
D13
AD7660
D3
D12
PIN CONFIGURATION
48-Lead LQFP
(ST-48)
t
DELAY
t
DELAY
0.8V
0.8V
0.8V
2V
2V
2V
Figure 2. Voltage Reference Levels for Timings


Similar Part No. - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7660 AD-AD7660 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7660 AD-AD7660 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7660 AD-AD7660 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7660 AD-AD7660 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
386Kb / 24P
   16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com