Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC16CA Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # 1.5SMC16CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

1.5SMC16CA Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  1.5SMC16CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 1.5SMC16CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 1.5SMC16CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 1.5SMC16CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For surface mounted applications in order to optimize board space.
Low profile package.
Built-in strain relief.
Glass passivated junction.
Low inductance.
Excellent clamping capability.
Repetition Rate (duty cycle): 0.01%.
Fast response time: typically less than 1.0ps from 0 volt to BV min.
Typical IR less than 1µA above 10V.
High Temperature soldering: 260°C/10 seconds at terminals.
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026.
Polarity: Color band denotes cathode except Bidirectional.
Standard Packaging: 16mm tape (EIA STD RS-481)
.
Weight: 0.007 ounce, 0.21 grams.
For Bidirectional use CA suffix for type 1.5SMC6.8CA through type 1.5SMC550CA; Electrical characteristics
apply in both directions.
Notes: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
per Fig. 2.
2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minute maximum.
SMC/DO-214AB
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000 s waveform.
(Note 1, Note 2, Fig. 1)
PPPM
Minimum 1,500
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1, Fig. 3)
IPPM
See Table
Amps
Steady State Power Dissipation at TL =75
, Lead length .375”
(9.5mm). (Note 2, Fig. 5)
PM(AV)
6.5
Watts
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load. (JEDEC Method) (Note 3, Fig. 6)
IFSM
200
Amps
Operating junction and Storage Temperature Range.
TJ , TSTG
-65 to +150
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Transient
1 5
Series
MERITEK
UL E2230
All specifications
subject to change without notice.
ƒ&
ƒ&
ƒ&
1
Rev 7


Similar Part No. - 1.5SMC16CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC16CA CENTRAL-1.5SMC16CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC16CA SOCAY-1.5SMC16CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC16CA LITTELFUSE-1.5SMC16CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Central Semiconductor C...
1.5SMC16CA CENTRAL-1.5SMC16CA Datasheet
885Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC16CA TSC-1.5SMC16CA Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC16CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com