Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE100CA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 1.5KE100CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

1.5KE100CA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  1.5KE100CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 1.5KE100CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 1.5KE100CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 1.5KE100CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
1
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
1
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
1
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
1
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
1
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
1
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
1
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
1
Millimeters
Inches
Item
Max.
L
25.40
-
1.000
-
T
7.20
9.50
0.285
0.375
d
4.80
5.30
0.190
0.210
s
0.96
1.07
0.038
0.042
L
LT
d
s
DIA.
DIA.
DO-201
Min.
Min.
Max.
Reverse
Stand-Off
Voltage
Breakdown
Voltage @IPP
PACKAGE DIMENSIONS
SPECIFICATIONS
Transient
1 5K Series
MERITEK
2
Rev 7


Similar Part No. - 1.5KE100CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1.5KE100CA LUGUANG-1.5KE100CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE100CA ONSEMI-1.5KE100CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
DONGGUAN YOU FENG WEI E...
1.5KE100CA YFWDIODE-1.5KE100CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
DB Lectro Inc
1.5KE100CA DBLECTRO-1.5KE100CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Littelfuse
1.5KE100CA LITTELFUSE-1.5KE100CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE100CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com