Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ170A Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # 5.0SMDJ170A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

5.0SMDJ170A Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  5.0SMDJ170A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ170A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ170A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ170A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
5.0SMDJ28A
5.0SMDJ28CA 5PFG 5BFG
28.0
31.10
34.40
1
45.4
110.00
5
5.0SMDJ30A
5.0SMDJ30CA 5PFK 5BFK
30.0
33.30
36.80
1
48.4
103.00
5
5.0SMDJ33A
5.0SMDJ33CA 5PFM 5BFM
33.0
36.70
40.60
1
53.3
93.90
5
5.0SMDJ36A
5.0SMDJ36CA 5PFP 5BFP
36.0
40.00
44.20
1
58.1
86.10
5
5.0SMDJ40A
5.0SMDJ40CA 5PFR 5BFR
40.0
44.40
49.10
1
64.5
77.60
5
5.0SMDJ43A
5.0SMDJ43CA 5PFT 5BFT
43.0
47.80
52.80
1
69.4
72.10
5
5.0SMDJ45A
5.0SMDJ45CA 5PFV 5BFV
45.0
50.00
55.30
1
72.7
68.80
5
5.0SMDJ48A
5PFX
48.0
53.30
58.90
1
77.4
64.70
5
5.0SMDJ51A
5PFZ
51.0
56.70
62.70
1
82.4
60.70
5
5.0SMDJ54A
5RGE
54.0
60.00
66.30
1
87.1
57.50
5
5.0SMDJ58A
5PGG
58.0
64.40
71.20
1
93.6
53.50
5
5.0SMDJ60A
5PGK
60.0
66.70
73.70
1
96.8
51.70
5
5.0SMDJ64A
5PGM
64.0
71.10
78.60
1
103.0
48.60
5
5.0SMDJ70A
5PGP
70.0
77.80
86.00
1
113.0
44.30
5
5.0SMDJ75A
5PGR
75.0
83.30
92.10
1
121.0
41.40
5
5.0SMDJ78A
5PGT
78.0
86.70
95.80
1
126.0
39.70
5
5.0SMDJ85A
5PGV
85.0
94.40
104.00
1
137.0
36.50
5
5.0SMDJ90A
5PGX
90.0
100.00
111.00
1
146.0
34.30
5
5.0SMDJ100A
5PGZ
100.0
111.00
123.00
1
162.0
30.90
5
5.0SMDJ110A
5PHE
110.0
122.00
135.00
1
177.0
28.30
5
5.0SMDJ120A
5PHG
120.0
133.00
147.00
1
193.0
26.00
5
5.0SMDJ130A
5PHK
130.0
144.00
159.00
1
209.0
24.00
5
5.0SMDJ150A
5PHM
150.0
167.00
185.00
1
243.0
20.60
5
5.0SMDJ160A
5PHP
160.0
178.00
197.00
1
259.0
19.30
5
5.0SMDJ170A
5PHR
170.0
189.00
209.00
1
275.0
18.20
5
Note: For Bidirectional type having VRWM of 10 volts and less, the IR limit doubles.
Transient Voltage Suppressors
Series
MERITEK
3
Rev 7


Similar Part No. - 5.0SMDJ170A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ170A MDE-5.0SMDJ170A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ170A GWSEMI-5.0SMDJ170A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ170A HUAXINAN-5.0SMDJ170A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ170A LITTELFUSE-5.0SMDJ170A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
PACELEADER INDUSTRIAL
5.0SMDJ170A PACELEADER-5.0SMDJ170A Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDJ170A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com