Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQW614HA Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KAQW614HA
Description  PRODUCT SPECIFICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW614HA Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KAQW614HA Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M22004
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW614HA
SHEET 1 OF 10
REV.
2
OUTSIDE DIMENSION︰
0.26
10.00±0.4
1.00
6.50
7.62
1.20
2.54
9.68
XXX
W614
Date Code
H
Operate / Reverse time ( N.C )
Turn on / Turn off time ( N.O )
ON
Output
Input
OFF
T
T
10%
90%
Output
TON
Input
TOFF
90%
10%
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
8
7
6
5
4
3
2
1
1a1b
6
8
5
7
1 FORM A/B
1 FORM C
AC/DC
-
(2) 1 Form A 1 Form B use
Vin
2
IF
4
3
1
Load
Load
7
5
6
IL2
8
IL1
VL2(AC,DC)
VL1(AC,DC)
7
IL2
5
6
Load
IL1
8
Load
VL2(AC,DC)
VL1(AC,DC)
(1)Two independent 1 Form A & 1 Form B use
Vin2
Vin1
3
IF2 4
IF1 2
1
Load
Load
5
IL2
7
6
8
IL1
VL2(AC,DC)
VL1(AC,DC)
6
Load
IL2
5
IL1
7
8
Load
VL2(AC,DC)
VL1(AC,DC)
Unit︰mm
Tolerance︰±0.2mm


Similar Part No. - KAQW614HA

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQW614H COSMO-KAQW614H_11 Datasheet
179Kb / 10P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQW614HA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com