Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09089V99V Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C09089V99V
Description  3.3 V 32 K/64 K/128 K 횞 8/9
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09089V99V Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C09089V99V Datasheet HTML 1Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 2Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 3Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 4Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 5Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 6Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 7Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 8Page - Cypress Semiconductor CY7C09089V99V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CY7C09089V/99V
CY7C09179V/99V
Document Number: 38-06043 Rev. *G
Page 3 of 28
Functional Description
The CY7C09089V/99V and CY7C09179V/99V are high speed
synchronous CMOS 64 K/128 K × 8 and 32 K/128 K × 9 dual-port
static RAMs. Two ports are provided, permitting independent,
simultaneous access for reads and writes to any location in
memory.[4] Registers on control, address, and data lines enable
minimal setup and hold times. In pipelined output mode, data is
registered for decreased cycle time. Clock to data valid
tCD2 =6.5 ns[5] (pipelined). Flow-through mode can also be used
to bypass the pipelined output register to eliminate access
latency. In flow-through mode, data is available tCD1 = 18 ns after
the address is clocked into the device. Pipelined output or
flow-through mode is selected via the FT/Pipe pin.
Each port contains a burst counter on the input address register.
The internal write pulse width is independent of the
LOW-to-HIGH transition of the clock signal. The internal write
pulse is self-timed to enable the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle powers down
the internal circuitry to reduce the static power consumption. The
use of multiple Chip Enables enables easier banking of multiple
chips for depth expansion configurations. In the pipelined mode,
one cycle is required with CE0 LOW and CE1 HIGH to reactivate
the outputs.
Counter enable inputs are provided to stall the operation of the
address input and use the internal address generated by the
internal counter for fast interleaved memory applications. A
port’s burst counter is loaded with the port’s Address Strobe
(ADS). When the port’s Count Enable (CNTEN) is asserted, the
address counter increments on each LOW-to-HIGH transition of
that port’s clock signal. This reads/writes one word from/into
each successive address location until CNTEN is deasserted.
The counter can address the entire memory array and loops
back to the start. Counter Reset (CNTRST) is used to reset the
burst counter.
All parts are available in 100-pin Thin Quad Plastic Flatpack
(TQFP) packages.
Notes
4. When writing simultaneously to the same location, the final value cannot be guaranteed.
5. See page 9 and page 10 for Load Conditions.


Similar Part No. - CY7C09089V99V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09089V99V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com