Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPF-EJG-3ZCA-1 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DPF-EJG-3ZCA-1
Description  Super high brightness surface mount LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DPF-EJG-3ZCA-1 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DPF-EJG-3ZCA-1 Datasheet HTML 4Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 5Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 6Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 7Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 8Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 9Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 10Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 11Page - DOMINANT Semiconductors DPF-EJG-3ZCA-1 Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
20/07/2012 V1.0
8
DPF-EJG-3ZCA-1
3Z
4Z
CA
5600.0 ... 6370.0
6370.0 ... 7150.0
7150.0 ... 8070.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous intensity is measured with an accuracy of ± 11%.
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning
Vf Bin @ 60mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
V1
V2
V3
V4
V5
V6
V7
2.90 ... 3.00
3.00 ... 3.10
3.10 ... 3.20
3.20 ... 3.30
3.30 ... 3.40
3.40 ... 3.50
3.50 ... 3.60
Luminous Intensity Group at Tj=250C
DOMINANT
Opto Technologies
Innovating Illumination
TM
18.6
21.0
23.6
Luminous Flux (lm)
Typ


Similar Part No. - DPF-EJG-3ZCA-1

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
DPF--1.0-22 TALEMA-DPF--1.0-22 Datasheet
105Kb / 4P
   Low Cost Power Inductors
DPF--1.0-33 TALEMA-DPF--1.0-33 Datasheet
105Kb / 4P
   Low Cost Power Inductors
DPF-0.5-100 TALEMA-DPF-0.5-100 Datasheet
105Kb / 4P
   Low Cost Power Inductors
DPF-0.5-1000 TALEMA-DPF-0.5-1000 Datasheet
105Kb / 4P
   Low Cost Power Inductors
DPF-0.5-150 TALEMA-DPF-0.5-150 Datasheet
105Kb / 4P
   Low Cost Power Inductors
More results

Similar Description - DPF-EJG-3ZCA-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com