Electronic Components Datasheet Search |
|
20KPA112A Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION |
|
20KPA112A Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION |
4 / 4 page Figure 1 - Peak Pulse Power Rating Curve Figure 3 - Pulse Waveform 0 20 40 60 80 100 0 25 50 75 100 125 150 175 200 T A-Ambient temperature (ºC) 0.1 1 10 100 1000 t d - Pulse Width (Sec.) 0.000001 0.00001 0.0001 0.001 0 0 50 100 150 1.0 2.0 3.0 4.0 tr=10µsec Peak Value IPPM IPPM 2 T J=25°C Pulse Width(td) is de fined as the point where the peak current decays to 50% of I PPM 10/1000µsec. Waveform as de fined by R.E.A td t-Time (ms) Half Value IPPM ( ) 1 100 10000 0 50 100 150 200 250 300 350 V BR - Reverse Breakdwon Voltage (V) Tj=25C f=1.0MHz Vsig=50mVp-p Bi-directional @ VR Uni-directional V= OV Bi-directional V= OV Uni-directional @ VR 0 1 2 3 4 5 6 7 8 9 0 25 50 75 100 125 150 175 200 T L- Lead Temperature (ºC) 0 50 100 150 200 250 300 350 400 450 1 10 100 Number of Cycles at 60 Hz Figure 1 - Peak Pulse Power Rating Curve Figure 2 - Pulse Derating Curve Figure 3 - Pulse Waveform Figure 4 - Typical Junction Capacitance Figure 5 - Steady State Power Dissipation Derating Curve Figure 6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only RATING AND CHARACTERISTIC CURVES (TA: 25°C UNLESS OTHERWISE SPECIFIED) 4 Rev 7 Transient Voltage Suppressors 20KPA Series MERITEK |
Similar Part No. - 20KPA112A |
|
Similar Description - 20KPA112A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |