Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA26CA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 20KPA26CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

20KPA26CA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  20KPA26CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 20KPA26CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 20KPA26CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 20KPA26CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
8.60
9.10
0.340
0.360
d
8.60
9.10
0.340
0.360
s
1.22
1.32
0.048
0.052
L
L
T
d
s
DIA.
DIA.
P600
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@ VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN (V)
IT(mA)
VC(V)
IPP(A)
20KPA20A
20KPA20CA
20.0
22.34
50
36.8
548.9
5000
20KPA24A
20KPA24CA
24.0
26.81
50
41.2
490.3
5000
20KPA26A
20KPA26CA
26.0
29.04
50
44.7
451.9
2000
20KPA28A
20KPA28CA
28.0
31.28
50
48.0
420.8
1000
20KPA30A
20KPA30CA
30.0
33.51
5
51.5
392.2
250
20KPA32A
20KPA32CA
32.0
35.74
5
54.3
372.0
150
20KPA34A
20KPA34CA
34.0
38.00
5
57.5
351.3
50
20KPA36A
20KPA36CA
36.0
40.20
5
61.5
328.5
20
20KPA40A
20KPA40CA
40.0
44.70
5
67.8
297.9
15
20KPA44A
20KPA44CA
44.0
49.10
5
72.7
277.9
2
PACKAGE DIMENSIONS
SPECIFICATIONS
IR(µA)
2
Rev 7
Transient Voltage Suppressors
20KPA Series
MERITEK


Similar Part No. - 20KPA26CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA26CA TAITRON-20KPA26CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA26CA SOCAY-20KPA26CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA26CA MDE-20KPA26CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA26CA LITTELFUSE-20KPA26CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA26CA LUGUANG-20KPA26CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA26CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com