Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6367A303ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6367A303ML
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367A303ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6367A303ML Datasheet HTML 1Page - Torex Semiconductor XC6367A303ML Datasheet HTML 2Page - Torex Semiconductor XC6367A303ML Datasheet HTML 3Page - Torex Semiconductor XC6367A303ML Datasheet HTML 4Page - Torex Semiconductor XC6367A303ML Datasheet HTML 5Page - Torex Semiconductor XC6367A303ML Datasheet HTML 6Page - Torex Semiconductor XC6367A303ML Datasheet HTML 7Page - Torex Semiconductor XC6367A303ML Datasheet HTML 8Page - Torex Semiconductor XC6367A303ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PWM Controlled, PWM/PFM Switchable Step‐Up DC/DC Controllers
Series
407
4
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
The XC6367/68 series are multi-functional step-up DC/DC converter
controllers with built-in high speed, low ON resistance drivers.
Large output currents are possible using an externally connected
transistor, coil, diode and condenser.
Output voltage is selectable in 0.1 steps within a 1.5V ~ 6.5V range
(±2.5%). For output voltages outside this range, we recommend this FB
version, which has a 1.0V internal reference voltage. Using this version,
the required output voltage can be set-up using 2 external resistors.
With a 300kHz switching frequency, the size of the external components
can be reduced.
Control switches from PWM to PFM during light loads with the XC6368
(PWM/PFM switchable) and the series is highly efficient from light loads
to large output currents.
Soft start time of XC6367/68A, B, and C series is internally set to
10msec and XC6367/68C, D, and F series regulate soft start time by
connecting resistors and capacitors exteranally.
During stand-by time (CE pin "Low"), current consumption is reduced to
less than 0.5
µA.
Input voltage range
: 0.9V~10V
Operating voltage range : 2.0V~10V
Output voltage range
: 1.5V~6.5V programmable in 0.1V
steps (±2.5%)
Oscillator frequency
: 300, 100kHz (±15%)
Custom products for 180, 500kHz
Output Current
: 200mA + (VIN=1.8V, VOUT=3.3V)
High Efficiency
: 84% (typ.)
Stand-by capability
:ISTB=0.5A (max.)
Selection
: Soft start set-up external
Output Voltage set-up internal (VOUT)
Output Voltage set-up external (FB)
Package
: SOT-25
GElectronic Information Organizers
GPalmtops
GCellular and portable phones
GPortable Audio Systems
GVarious Multi-function Power Supplies
NInput Voltage Range : 0.9~10.0V
NOutput Voltage Range : 1.5~6.5V(±2.5%)
NOscillator Frequency : 300kHz(±15%)
NPWM/PFM Switching Control (XC6368)
NHigh Efficiency
: 84% (typ.)
NSOT-25 Package
VOUT
RL
Tr
L
VDD
VOUT
GND
CE
EXT
CL
(Tantalum)
CIN
SD
VIN
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V 1.2V
1.8V
1.5V
2.7V
XC6368A333MR (300kHz,3.3V)
Output Current:IOUT (mA)
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
04S_02XC6367/68 02.09.12 14:41 ページ 407


Similar Part No. - XC6367A303ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367A303ML TOREX-XC6367A303ML Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6367A303ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com