Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA270CA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 30KPA270CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

30KPA270CA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  30KPA270CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 30KPA270CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 30KPA270CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 30KPA270CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
8.60
9.10
0.340
0.360
d
8.60
9.10
0.340
0.360
s
1.22
1.32
0.048
0.052
L
L
T
d
s
DIA.
DIA.
P600
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@ VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN (V)
IT(mA)
VC(V)
IPP(A)
30KPA28A
30KPA28CA
28.0
31.28
50
50.0
606.0
5000
30KPA30A
30KPA30CA
30.0
33.51
50
55.2
548.9
5000
30KPA33A
30KPA33CA
33.0
36.90
50
58.5
517.9
5000
30KPA36A
30KPA36CA
36.0
40.20
50
61.8
490.3
5000
30KPA39A
30KPA39CA
39.0
43.60
20
67.2
450.9
2000
30KPA42A
30KPA42CA
42.0
46.90
10
72.0
420.8
1000
30KPA43A
30KPA43CA
43.0
48.00
10
73.0
415.1
1000
30KPA45A
30KPA45CA
45.0
50.30
5
77.4
391.5
250
30KPA48A
30KPA48CA
48.0
53.60
5
81.6
371.3
150
30KPA51A
30KPA51CA
51.0
57.00
5
86.4
350.7
50
30KPA54A
30KPA54CA
54.0
60.30
5
91.4
331.5
20
30KPA58A
30KPA58CA
58.0
64.80
5
92.4
327.9
20
PACKAGE DIMENSIONS
SPECIFICATIONS
IR( A)
Transient Voltage Suppressors
0KPA Series
MERITEK
2
Rev 7


Similar Part No. - 30KPA270CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA270CA LITTELFUSE-30KPA270CA Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
Anova Technologies CO.,...
30KPA270CA ANOVA-30KPA270CA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
TAITRON Components Inco...
30KPA270CA TAITRON-30KPA270CA Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
30KPA270CA LUGUANG-30KPA270CA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
30KPA270CA MDE-30KPA270CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA270CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com