Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7714 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7714
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7714 Datasheet HTML 5Page - Analog Devices AD7714 Datasheet HTML 6Page - Analog Devices AD7714 Datasheet HTML 7Page - Analog Devices AD7714 Datasheet HTML 8Page - Analog Devices AD7714 Datasheet HTML 9Page - Analog Devices AD7714 Datasheet HTML 10Page - Analog Devices AD7714 Datasheet HTML 11Page - Analog Devices AD7714 Datasheet HTML 12Page - Analog Devices AD7714 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2
AD7714
REV. C
–9–
PIN FUNCTION DESCRIPTION
DIP/SOIC PIN NUMBERS
Pin
No. Mnemonic
Function
1
SCLK
Serial Clock. Logic Input. An external serial clock is applied to this input to access serial data from the
AD7714. This serial clock can be a continuous clock with all data transmitted in a continuous train of pulses.
Alternatively, it can be a noncontinuous clock with the information being transmitted to the AD7714 in smaller
batches of data.
2
MCLK IN
Master Clock signal for the device. This can be provided in the form of a crystal/resonator or external clock. A
crystal/resonator can be tied across the MCLK IN and MCLK OUT pins. Alternatively, the MCLK IN pin can
be driven with a CMOS-compatible clock and MCLK OUT left unconnected. The part is specified with clock
input frequencies of both 1 MHz and 2.4576 MHz.
3
MCLK OUT When the master clock for the device is a crystal/resonator, the crystal/resonator is connected between MCLK
IN and MCLK OUT. If an external clock is applied to the MCLK IN, MCLK OUT provides an inverted clock
signal. This clock can be used to provide a clock source for external circuits.
4
POL
Clock Polarity. Logic Input. With this input low, the first transition of the serial clock in a data transfer
operation is from a low to a high. In microcontroller applications, this means that the serial clock should idle
low between data transfers. With this input high, the first transition of the serial clock in a data transfer
operation is from a high to a low. In microcontroller applications, this means that the serial clock should idle
high between data transfers.
5
SYNC
Logic Input which allows for synchronization of the digital filters and analog modulators when using a number
of AD7714s. While
SYNC is low, the nodes of the digital filter, the filter control logic and the calibration
control logic are reset and the analog modulator is also held in its reset state.
SYNC does not affect the digital
interface and does not reset
DRDY if it is low.
6
RESET
Logic Input. Active low input which resets the control logic, interface logic, digital filter and analog modulator
of the part to power-on status.
7
AIN1
Analog Input Channel 1. Programmable-gain analog input which can be used as a pseudo-differential input
when used with AIN6 or as the positive input of a differential analog input pair when used with AIN2 (see
Communications Register section).
8
AIN2
Analog Input Channel 2. Programmable-gain analog input which can be used as a pseudo-differential input
when used with AIN6 or as the negative input of a differential analog input pair when used with AIN1 (see
Communications Register section).
9
AIN3
Analog Input Channel 3. Programmable-gain analog input which can be used as a pseudo-differential input
when used with AIN6 or as the positive input of a differential analog input pair when used with AIN4 (see
Communications Register section).
10
AIN4
Analog Input Channel 4. Programmable-gain analog input which can be used as a pseudo-differential input
when used with AIN6 or as the negative input of a differential analog input pair when used with AIN3 (see
Communications Register section).
11
STANDBY
Logic Input. Taking this pin low shuts down the analog and digital circuitry, reducing current consumption to
typically 5
µA.
12
AVDD
Analog Positive Supply Voltage, A Grade Versions: +3.3 V nominal (AD7714-3) or +5 V nominal (AD7714-5);
Y Grade Versions: 3 V or 5 V nominal.
13
BUFFER
Buffer Option Select. Logic Input. With this input low, the on-chip buffer on the analog input (after the
multiplexer and before the analog modulator) is shorted out. With the buffer shorted out the current flowing in
the AVDD line is reduced to 270
µA. With this input high, the on-chip buffer is in series with the analog input
allowing the inputs to handle higher source impedances.
14
REF IN(–)
Reference Input. Negative input of the differential reference input to the AD7714. The REF IN(–) can lie
anywhere between AVDD and AGND provided REF IN(+) is greater than REF IN(–).
15
REF IN(+)
Reference Input. Positive input of the differential reference input to the AD7714. The reference input is
differential with the provision that REF IN(+) must be greater than REF IN(–). REF IN(+) can lie anywhere
between AVDD and AGND.
16
AIN5
Analog Input Channel 5. Programmable-gain analog input which is the positive input of a differential analog
input pair when used with AIN6 (see Communications Register section).
17
AIN6
Analog Input Channel 6. Reference point for AIN1 through AIN4 in pseudo-differential mode or as the
negative input of a differential input pair when used with AIN5 (see Communications Register section).
18
AGND
Ground reference point for analog circuitry.


Similar Part No. - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
More results

Similar Description - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714ANZ-5 AD-AD7714ANZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com