Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM4435 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4435
Description  P-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4435 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTM4435 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4435 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S11-2109 Rev. B, 31-Oct-11
3
Document Number: 67932
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0
8
16
24
32
40
0
5
10
15
20
25
I
D -Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
10
20
30
40
50
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0.00
0.01
0.02
0.03
0.04
0.05
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
10
20
30
40
50
Q
g -Total Gate Charge (nC)
I
D = 4.6 A
DT
www.
daysemi.jp


Similar Part No. - DTM4435

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4435 DINTEK-DTM4435 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTM4435 DOINGTER-DTM4435 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTM4435

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com