Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0309086 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0309086
Description  Component terminal block - URTK/S-BEN - 0309086
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0309086 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0309086 Datasheet HTML 1Page - PHOENIX CONTACT 0309086 Datasheet HTML 2Page - PHOENIX CONTACT 0309086 Datasheet HTML 3Page - PHOENIX CONTACT 0309086 Datasheet HTML 4Page - PHOENIX CONTACT 0309086 Datasheet HTML 5Page - PHOENIX CONTACT 0309086 Datasheet HTML 6Page - PHOENIX CONTACT 0309086 Datasheet HTML 7Page - PHOENIX CONTACT 0309086 Datasheet HTML 8Page - PHOENIX CONTACT 0309086 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/us/produkte/0309086
14.05.2012   Page 1 / 11
Component terminal block - URTK/S-BEN - 0309086
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Component terminal block, Connection method: Screw connection, Cross section:   0.5 mm²- 10
mm², AWG:20 - 10, Width: 8.2 mm, Mounting type: NS 35/7.5, NS 35/15, NS 32, Color: gray
Product description
Component terminal block, Connection method: Screw connection, Cross section:   0.5 mm²- 10 mm², AWG:20 - 10, Width: 8.2 mm,
Mounting type: NS 35/7.5, NS 35/15, NS 32, Color: gray
Why buy this product
 Easy and clear testing in current transformer secondary circuits can be performed using the test disconnect terminal blocks of the
URTK/S range
 On both sides of the disconnect point, the terminal block has a test socket which can also be used to switch across to neighboring
terminal blocks
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 463 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
31.64 GRM
Country of origin
GERMANY
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Length
61 mm
Width
8.2 mm


Similar Part No. - 0309086

ManufacturerPart #DatasheetDescription
logo
Heyco.
0309 HEYCO-0309 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Mill-Max Mfg. Corp.
0309-2-15-01-47-01-10-0 MILL-MAX-0309-2-15-01-47-01-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0309-2-15-01-47-27-10-0 MILL-MAX-0309-2-15-01-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0309-2-15-15-47-27-10-0 MILL-MAX-0309-2-15-15-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
logo
Molex Electronics Ltd.
03091040 MOLEX1-03091040 Datasheet
162Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 4 Circuits, Dual Row
More results

Similar Description - 0309086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0309112 PHOENIX-0309112 Datasheet
104Kb / 5P
   Disconnect terminal block - URTK-BEN
0309109 PHOENIX-0309109 Datasheet
76Kb / 6P
   Test disconnect terminal block - URTK/S-BEN 10
0311126 PHOENIX-0311126 Datasheet
219Kb / 13P
   Component terminal block - URTK/SP - 0311126
0710947 PHOENIX-0710947 Datasheet
261Kb / 19P
   Disconnect terminal block - URTK/S-IB
0308029 PHOENIX-0308029 Datasheet
46Kb / 2P
   End cover - D-URTK/S-BEN - 0308029
0311087 PHOENIX-0311087 Datasheet
219Kb / 14P
   Test disconnect terminal block - URTK/S - 0311087
0316082 PHOENIX-0316082 Datasheet
145Kb / 8P
   Test disconnect terminal block - URTK/S M. ABGESCHNITT
0305080 PHOENIX-0305080 Datasheet
157Kb / 12P
   Component terminal block - UGSK/S - 0305080
3056608 PHOENIX-3056608 Datasheet
222Kb / 15P
   Disconnect terminal block - URTK/SS-PSB
0313085 PHOENIX-0313085 Datasheet
156Kb / 12P
   Component terminal block - UGSK/S GS - 0313085
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com