Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCNPO330K16V2B1 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO330K16V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO330K16V2B1 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO330K16V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO330K16V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO330K16V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO330K16V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO330K16V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO330K16V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 1
CC Series
Temperature compensating disc capacitors
have a ceramic dielectric that is formulated to
provide predictable linear capacitance change
versus temperature change. This predictable
linear
capacitance
change
allows
the
temperature compensating disc capacitor to
be used in critical circuit applications such as
tuned circuits. A full range of values and
voltages is available.
SPECIFICATIONS
Operating Temperature
-25
oC to +85 oC
Capacitance
Measured at 1 ±0.1 MHz, 1Vrms at 25
oC
Temperature
Please refer to Page 4
Rated voltage
50V, 63V and 100V
Quality Factor
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
C < 30pF Q=400 + 20C, C > 30pF Q=1000 min.
(C = Capacitance)
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
10,000 Mega ohms min. at rated voltage 60 sec.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
100WVDC & Under
TEMPERATURE CHARACTERISTIC
Color Code
Black
Red
Orange
Yellow
Green
Blue
Violet
D
±1mm
NPO
N75/N80
N150
N220
N330
N470
N750
SL (GP)
N1500
4
1-24
1-12
1-24
1-27
1-27
1-33
1-43
1-68
27-56
5
25-47
13-22
25-47
28-47
28-47
34-47
44-82
72-100
62-100
6
50-100
24-33
50-100
50-100
50-100
50-100
83-100
120-220
120-220
8
120-150
35-68
120-150
120-150
120-150
120-150
120-150
250-470
250-470
10
180-220
72-130
180-220
180-220
180-220
180-220
180-220
500-620
500-620
12
250-300
140-180
250-300
250-300
250-300
250-300
270-390
680-1000
620-1000


Similar Part No. - CCNPO330K16V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO330K16V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com