Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7719BR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7719BR
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719BR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7719BR Datasheet HTML 6Page - Analog Devices AD7719BR Datasheet HTML 7Page - Analog Devices AD7719BR Datasheet HTML 8Page - Analog Devices AD7719BR Datasheet HTML 9Page - Analog Devices AD7719BR Datasheet HTML 10Page - Analog Devices AD7719BR Datasheet HTML 11Page - Analog Devices AD7719BR Datasheet HTML 12Page - Analog Devices AD7719BR Datasheet HTML 13Page - Analog Devices AD7719BR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
AD7719
–10–
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Function
16
P2/SW2
Dual-Purpose Pin. It can act as a general purpose output (P2) bit referenced between AVDD and
AGND or as a low-side power switch (SW2) to PWRGND.
17
PWRGND
Ground Point for the Low-Side Power Switches SW2 and SW1. PWRGND must be tied to AGND.
18
P1/SW1
Dual-Purpose Pin. It can act as a general-purpose output (P1) bit referenced between AVDD and
AGND or as a low-side power switch (SW1) to PWRGND.
19
RESET
Digital Input Used to Reset the ADC to Its Power-On-Reset Status. This pin has a weak pull-up
internally to DVDD.
20
SCLK
Serial Clock Input for Data Transfers to and from the ADC. The SCLK has a Schmitt triggered
input making the interface suitable for opto-isolated applications. The serial clock can be continuous
with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous
clock with the information being transmitted to or from the AD7719 in smaller batches of data. A
weak pull-up to DVDD is provided on the SCLK input.
21
CS
Chip Select Input. This is an active low logic input used to select the AD7719. CS can be used to
select the AD7719 in systems with more than one device on the serial bus or as a frame synchroniza-
tion signal in communicating with the device. CS can be hardwired low allowing the AD7719 to be
operated in 3-wire mode with SCLK, DIN and DOUT used to interface with the device. A weak
pull-up to DVDD is provided on the CS input.
22
RDY
RDY is a Logic Low Status Output from the AD7719. RDY is low if either the Main ADC or auxil-
iary ADC channel has valid data in their data register. This output returns high on completion of a
read operation from the data register. If data is not read, RDY will return high prior to the next up-
date indicating to the user that a read operation should not be initiated. The RDY pin also returns
low following the completion of a calibration cycle. The RDY pin is effectively the digital NOR func-
tion of the RDY0 and RDY1 bits in the Status register. If one of the ADCs is disabled the RDY pin
reflects the active ADC. RDY does not return high after a calibration until the mode bits are written
to enabling a new conversion or calibration. Since the RDY pin provides information on both the
main and aux ADCs, therefore, when either the main or aux ADC is disabled it is recommended to
immediately read its data register to ensure that its RDY bit goes inactive and releases the RDY pin
to indicate output data updates on the remaining active ADC.
23
DOUT
Serial Data Output Accessing the Output Shift Register of the AD7719. The output shift register can
contain data from any of the on-chip data, calibration or control registers.
24
DIN
Serial Data Input Accessing the Input Shift Register on the AD7719. Data in this shift register is
transferred to the calibration or control registers within the ADC depending on the selection bits of
the Communications register. A weak pull-up to DVDD is provided on the DIN input.
25
DGND
Ground Reference Point for the Digital Circuitry.
26
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal.
27
XTAL2
Output from the 32 kHz Crystal Oscillator Inverter.
28
XTAL1
Input to the 32 kHz Crystal Oscillator Inverter.


Similar Part No. - AD7719BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
   Low Voltage, Low Power
REV. A
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

Similar Description - AD7719BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
logo
Maxim Integrated Produc...
MAX1462 MAXIM-MAX1462 Datasheet
242Kb / 16P
   Low-Voltage, Low-Power, 16-Bit Smart ADC
Rev 0; 10/00
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
   Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com