Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS4500 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTS4500
Description  Halogen-free According to IEC 61249-2-21
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS4500 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTS4500 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.
daysemi.jp
6
Document Number: 67030
S10-2250-Rev. A, 04-Oct-10
.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
10 000
10-1
10-4
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
1000
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.05
Single Pulse
0.02
DTS4500
www.
daysemi.jp
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Note
Normalized Thermal Transient Impedance, Junction-to-Ambient
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a
“ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.


Similar Part No. - DTS4500

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS4500 DINTEK-DTS4500 Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET Halogen-free
DTS4500 DINTEK-DTS4500_13 Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS4500

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com