Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CI1206CG8R2P250 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CI1206CG8R2P250
Description  Multilayer Ceramic Chip Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CI1206CG8R2P250 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CI1206CG8R2P250 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Multilayer Ceramic Chip
Capacitors
CI Series
(Capacitor Array)
PART NUMBERING SYSTEM
CI
1206
XR
101
K
500
Meritek Series, C-array
Size
Dielectric
CODE
CG
XR
YV
COG (NPO)
X7R
Y5V
Capacitance
CODE
8R2
101
104
223
pF
8.2
100
--
--
nF
--
--
100
22
μF
--
--
0.1
0.022
Tolerance
COD
E
Tolerance
Code
Tolerance
Code
Tolerance
B
±.10pF
G
±2%
M
±20%
C
±.25pF
J
±5%
Z
+80
/-20%
D
±.50pF
K
±10%
P
+1000
/0%
For values less than 10 pF use C or D
Rated Voltage
2 significant digits + number of zeros.
CODE
250
500
101
251
501
102
202
302
R.V.
25V
50V
100V
250V
500V
1000V
2000V
3000V
Thickness: 0.85 ± 0.1mm
Temperature
Characteristics
COG
(NPO)
X7R
Y5V
Rated Voltage
(DC)
Capacitance (pF)
50V
16V 25V 50V 16V 25V 50V
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
3300
4700
10000
22000
47000
100000
150000
FEATURES
Reduction in required real estate (more than 50%)
Reduced cost, space and time for placement on PCB
Reduction in number of solder joints
Easier PCB design
Reduced waste from tape and reel packaging process
Protect EMI bypassing digital signal line noise
TRUCTURE AND DIMENSION
Type
Size
(Inch)
Element
L
W
T
BW
SW
S1
P
4
0.612
4
3.2±0.15
1.6±0.15
1.35
max
0.3±0.2
0.3±0.15
0.4±0.2
0.8±0.2
Specifications are subject to change without notice.
rev.6a


Similar Part No. - CI1206CG8R2P250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CI100505-10NJ BOURNS-CI100505-10NJ Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CI100505-10NJ BOURNS-CI100505-10NJ Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI100505-10NJ FENGJUI-CI100505-10NJ Datasheet
227Kb / 7P
   EMI SOLOTION PRODUCTS-RoHS
logo
Bourns Electronic Solut...
CI100505-12NJ BOURNS-CI100505-12NJ Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
More results

Similar Description - CI1206CG8R2P250

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com