Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTL2N60 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTL2N60
Description  Halogen-free According to IEC 61249-2-21
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL2N60 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTL2N60 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTL2N60 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Power MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRFRC20, SiHFRC20)
• Straight Lead (IRFUC20, SiHFUC20)
• Available in Tape and Reel
•Fast Switching
• Ease of Paralleling
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 37 mH, Rg = 25 Ω, IAS = 2.0 A (see fig. 12).
c. ISD ≤ 2.0 A, dI/dt ≤ 40 A/μs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (Ω)VGS = 10 V
4.4
Qg (Max.) (nC)
18
Qgs (nC)
3.0
Qgd (nC)
8.9
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
G
D S
S
D
G
D
ABSOLUTE MAXIMUM RATINGS
TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
2.0
A
TC = 100 °C
1.3
Pulsed Drain Currenta
IDM
8.0
Linear Derating Factor
0.33
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
74
mJ
Repetitive Avalanche Currenta
IAR
2.0
A
Repetitive Avalanche Energya
EAR
4.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d
* Pb containing terminations are not RoHS compliant, exemptions may apply
DT
www.din-tek.jp


Similar Part No. - DTL2N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
DTL2N60 DINTEK-DTL2N60_13 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
More results

Similar Description - DTL2N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com