Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR011002F Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CR011002F
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CR011002F Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CR011002F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CR011002F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
General Specifications
Resistance Range:
≥1Ω
Type
Rated
Max.
Max.
TCR
Resistance Range
Jumper
Rated
Current
Jumper
Resistance
Value
No
Power at
Working
Overload
(ppm /
oC)
B (
 0.1%)
D (
 0.5%)
F (
 1%)
G (
 2%), J (
5%)
J
(± 5%)
F
(± 1%)
J
(± 5%)
F
(± 1%)
70ºC
Voltage
Voltage
E-24 , E-96
E-24 , E-96
E-24 , E-96
E-24
CR25
(0201)
1/20W
25V
50V
-200
+400
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
0.5A
0.5A
50m
MAX
35m
MAX
200
--
10
Ω≤R≤10MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤10MΩ
CR20
(0402)
1/16W
50V
100V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
1A
1.5A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR16
(0603)
1/10W
75V
150V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R<20MΩ
1A
2A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR10
(0805)
1/8W
150V
300V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
2.5A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR08
(1206)
1/4W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
3.5A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR04
(1210)
1/2W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
4A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR02
(2010)
3/4W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ
2A
5A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR01
(2512)
1W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ
2A
7A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
Operating Temperature Range
-55ºC ~ +155ºC (0201: -55ºC ~ +125ºC)
Thick Film Chip
Resistors
CR Series
Rev.7


Similar Part No. - CR011002F

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CR011003DB AAC-CR011003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CR011003DK AAC-CR011003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CR011003DM AAC-CR011003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CR011003DO AAC-CR011003DO Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CR011003FB AAC-CR011003FB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CR011002F

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com