Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR081002J Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CR081002J
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CR081002J Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CR081002J Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CR081002J Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
General Specifications
Resistance Range:
≥1Ω
Type
Rated
Max.
Max.
TCR
Resistance Range
Jumper
Rated
Current
Jumper
Resistance
Value
No
Power at
Working
Overload
(ppm /
oC)
B (
 0.1%)
D (
 0.5%)
F (
 1%)
G (
 2%), J (
5%)
J
(± 5%)
F
(± 1%)
J
(± 5%)
F
(± 1%)
70ºC
Voltage
Voltage
E-24 , E-96
E-24 , E-96
E-24 , E-96
E-24
CR25
(0201)
1/20W
25V
50V
-200
+400
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
0.5A
0.5A
50m
MAX
35m
MAX
200
--
10
Ω≤R≤10MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤10MΩ
CR20
(0402)
1/16W
50V
100V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
1A
1.5A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR16
(0603)
1/10W
75V
150V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R<20MΩ
1A
2A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR10
(0805)
1/8W
150V
300V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
2.5A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR08
(1206)
1/4W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
3.5A
50m
MAX
20m
MAX
200
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR04
(1210)
1/2W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ 10Ω≤R≤20MΩ
2A
4A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR02
(2010)
3/4W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ
2A
5A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
CR01
(2512)
1W
200V
400V
100
100
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤1MΩ
10
Ω≤R≤10MΩ
2A
7A
50m
MAX
20m
MAX
200
--
--
1
Ω≤R<10Ω
1
Ω≤R<10Ω
Operating Temperature Range
-55ºC ~ +155ºC (0201: -55ºC ~ +125ºC)
Thick Film Chip
Resistors
CR Series
Rev.7


Similar Part No. - CR081002J

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR08 POWEREX-CR08 Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
logo
Littelfuse
CR0800SA LITTELFUSE-CR0800SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0800SA ETC1-CR0800SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR0800SB LITTELFUSE-CR0800SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0800SB ETC1-CR0800SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results

Similar Description - CR081002J

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com