Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB298L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB298L
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB298L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB298L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOT298L/AOB298L/AOTF298L
100V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
58A/33A
RDS(ON) (at VGS=10V)
< 14.5m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
±20
The AOT298L & AOB298L & AOTF298L uses Trench
MOSFET technology that is uniquely optimized to provide
the most efficient high frequency switching performance.
Power losses are minimized due to an extremely low
combination of RDS(ON) and Crss. In addition, switching
behavior is well controlled with a soft recovery body
diode.This device is ideal for boost converters and
synchronous rectifiers for consumer, telecom, industrial
power supplies and LED backlighting.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
100V
AOT298L/AOB298L
AOTF298L
Drain-Source Voltage
100
V
Gate-Source Voltage
G
D
S
TO-263
D2PAK
G
D
S
G
D
S
D
S
G
Top View
TO-220F
TO-220
AOTF298L
AOT298L
AOB298L
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Power Dissipation
A
15
TC=100°C
Power Dissipation
B
PD
50
16
-55 to 175
Junction and Storage Temperature Range
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.5
60
4.5
Maximum Junction-to-Case
A
±20
W
TC=25°C
W
TA=70°C
1.33
TA=25°C
2.1
PDSM
100
33
20
33
41
26
130
Thermal Characteristics
Parameter
AOT298L/AOB298L
AOTF298L
TA=25°C
IDSM
A
TA=70°C
ID
Pulsed Drain Current
C
Continuous Drain
Current
V
9
58
20
Gate-Source Voltage
Maximum Junction-to-Ambient
A
°C/W
RθJA
15
60
TC=25°C
TC=100°C
mJ
Avalanche Current
C
7
A
Avalanche energy L=0.1mH
C
Continuous Drain
Current
Units
°C
Rev 0 : Oct. 2011
www.aosmd.com
Page 1 of 7


Similar Part No. - AOB298L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB298L AOSMD-AOB298L Datasheet
383Kb / 7P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB298L ISC-AOB298L Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB298L VBSEMI-AOB298L Datasheet
969Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AOB298L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com