Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCNPO333P16V2B1 Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO333P16V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO333P16V2B1 Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO333P16V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO333P16V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO333P16V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO333P16V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO333P16V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO333P16V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
CC Series
Dimensions & Tolerances
Item
Description
Inches
mm
D
Maximum body diameter – Note 1
.472
12.0
T
Maximum body thickness
.256
6.5
d
Nominal wire diameter
.024
0.6
P
Capacitor taping pitch
.500 ±.039
12.7 ±1.0
P
0
Sprocket hole pitch
.500 ±.039
12.7 ±1.0
P
1
Hole center to lead center
.152 ±.028
3.85 ±0.7
P
2
Hole center to disc center
.250 ±.051
6.35 ±1.3
F
Lead center to lead center
.197 ±.031
5.0 ±0.8
H
Front-to-rear disc alignment
0 ±.079
0 ±2.0
+.039
+1.0
W
Carrier tape width
.709
-.020
18.0
-0.5
+.030
+0.75
W
1
Hole position on carrier
.354
-.020
9.0
-0.5
W
2
Adhesive tape position max.
.118
3.0
+.060
+1.5
H
Hole center to tangent line
.787
-.040
20.0
-1.0
H
0
Hole center to starting plane
.630 ±.020
16.0 ±0.5
Hi
Hole center to top of disc
1.270 max.
32.25 max.
L
Maximum lead cut-out length
.433
11.0
L
1
Maximum wire protrusion
.118
3.0
D0
Sprocket hole diameter
.157 ±.012
4.0 ±0.3
T
1
Total tape thickness
.035
0.9
T
Maximum lead offset
.06
1.5
Meritek ceramic capacitors are available in tape and reel packaging for automatic insertion equipment.
Meritek's tape and reel specifications comply with the requirements of EIA Standard RS-468. Configurations
are also available to meet the specific requirements of Universal, Panasert, and Avisert equipment. Please
contact our sales department to discuss your special requirements.
Notes:
1.
Body diameters to 0.906 inch (23mm)
available on 1.0 inch (25.4mm)pitch.
2.
Taping pitch of 1.0 inch (25.4mm)
available.
3.
Wire with a diameter of 0.032 inch
(0.8mm) is also available (preferred
on larger diameters.)


Similar Part No. - CCNPO333P16V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO333P16V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com