Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7730LBR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 5Page - Analog Devices AD7730LBR Datasheet HTML 6Page - Analog Devices AD7730LBR Datasheet HTML 7Page - Analog Devices AD7730LBR Datasheet HTML 8Page - Analog Devices AD7730LBR Datasheet HTML 9Page - Analog Devices AD7730LBR Datasheet HTML 10Page - Analog Devices AD7730LBR Datasheet HTML 11Page - Analog Devices AD7730LBR Datasheet HTML 12Page - Analog Devices AD7730LBR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD7730/AD7730L
REV. A
–9–
Pin
No.
Mnemonic
Function
18
STANDBY
Logic Input. Taking this pin low shuts down the analog and digital circuitry, reducing current consumption to
the 5
µA range. The on-chip registers retain all their values when the part is in standby mode.
19
CS
Chip Select. Active low Logic Input used to select the AD7730. With this input hardwired low, the AD7730
can operate in its three-wire interface mode with SCLK, DIN and DOUT used to interface to the device.
CS
can be used to select the device in systems with more than one device on the serial bus or as a frame synchro-
nization signal in communicating with the AD7730.
20
RDY
Logic Output. Used as a status output in both conversion mode and calibration mode. In conversion mode, a
logic low on this output indicates that a new output word is available from the AD7730 data register. The
RDY pin will return high upon completion of a read operation of a full output word. If no data read has taken
place after an output update, the
RDY line will return high prior to the next output update, remain high while
the update is taking place and return low again. This gives an indication of when a read operation should not
be initiated to avoid initiating a read from the data register as it is being updated. In calibration mode,
RDY
goes high when calibration is initiated and it returns low to indicate that calibration is complete. A number of
different events on the AD7730 set the
RDY high and these are outlined in Table XVIII.
21
DOUT
Serial Data Output with serial data being read from the output shift register on the part. This output shift
register can contain information from the calibration registers, mode register, status register, filter register,
DAC register or data register, depending on the register selection bits of the Communications Register.
22
DIN
Serial Data Input with serial data being written to the input shift register on the part. Data from this input
shift register is transferred to the calibration registers, mode register, communications register, DAC register
or filter registers depending on the register selection bits of the Communications Register.
23
DVDD
Digital Supply Voltage, +3 V or +5 V nominal.
24
DGND
Ground reference point for digital circuitry.
TERMINOLOGY
INTEGRAL NONLINEARITY
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The end-
points of the transfer function are zero scale (not to be confused
with bipolar zero), a point 0.5 LSB below the first code transi-
tion (000 . . . 000 to 000 . . . 001) and full scale, a point 0.5 LSB
above the last code transition (111 . . . 110 to 111 . . . 111). The
error is expressed as a percentage of full scale.
POSITIVE FULL-SCALE ERROR
Positive Full-Scale Error is the deviation of the last code transition
(111 . . . 110 to 111 . . . 111) from the ideal AIN(+) voltage
(AIN(–) + VREF/GAIN – 3/2 LSBs). It applies to both unipolar
and bipolar analog input ranges. Positive full-scale error is a
summation of offset error and gain error.
UNIPOLAR OFFSET ERROR
Unipolar Offset Error is the deviation of the first code transition
from the ideal AIN(+) voltage (AIN(–) + 0.5 LSB) when oper-
ating in the unipolar mode.
BIPOLAR ZERO ERROR
This is the deviation of the midscale transition (0111 . . . 111 to
1000 . . . 000) from the ideal AIN(+) voltage (AIN(–) – 0.5 LSB)
when operating in the bipolar mode.
GAIN ERROR
This is a measure of the span error of the ADC. It is a measure
of the difference between the measured and the ideal span be-
tween any two points in the transfer function. The two points
used to calculate the gain error are full scale and zero scale.
BIPOLAR NEGATIVE FULL-SCALE ERROR
This is the deviation of the first code transition from the ideal
AIN(+) voltage (AIN(–) – VREF/GAIN + 0.5 LSB) when operat-
ing in the bipolar mode. Negative full-scale error is a summation
of zero error and gain error.
POSITIVE FULL-SCALE OVERRANGE
Positive Full-Scale Overrange is the amount of overhead avail-
able to handle input voltages on AIN(+) input greater than
AIN(–) + VREF/GAIN (for example, noise peaks or excess volt-
ages due to system gain errors in system calibration routines) with-
out introducing errors due to overloading the analog modulator
or overflowing the digital filter.
NEGATIVE FULL-SCALE OVERRANGE
This is the amount of overhead available to handle voltages on
AIN(+) below AIN(–) – VREF/GAIN without overloading the
analog modulator or overflowing the digital filter.
OFFSET CALIBRATION RANGE
In the system calibration modes, the AD7730 calibrates its
offset with respect to the analog input. The Offset Calibration
Range specification defines the range of voltages the AD7730
can accept and still accurately calibrate offset.
FULL-SCALE CALIBRATION RANGE
This is the range of voltages that the AD7730 can accept in the
system calibration mode and still calibrate full scale correctly.
INPUT SPAN
In system calibration schemes, two voltages applied in sequence
to the AD7730’s analog input define the analog input range.
The input span specification defines the minimum and maxi-
mum input voltages, from zero to full scale, the AD7730 can
accept and still accurately calibrate gain.


Similar Part No. - AD7730LBR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7730LBR AD-AD7730LBR Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730LBR-REEL7 AD-AD7730LBR-REEL7 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730LBRU AD-AD7730LBRU Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730LBRU-REEL AD-AD7730LBRU-REEL Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730LBRU-REEL7 AD-AD7730LBRU-REEL7 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
More results

Similar Description - AD7730LBR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_12 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
logo
Analog Devices
1B32 AD-1B32_15 Datasheet
548Kb / 8P
   BRIDGE TRANSDUCER SIGNAL CONDITIONER
1B32 AD-1B32 Datasheet
544Kb / 8P
   Bridge Transducer Signal Conditioner
AD22055 AD-AD22055 Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD22055 AD-AD22055_15 Datasheet
218Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com