Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMPP103K2E Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # DMPP103K2E
Description  Metallized Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DMPP103K2E Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  DMPP103K2E Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
Rated
50VDC/100VDC
250VDC
400VDC
630VDC
DIM.
CAP(
μF)
W
H
T
P± 1
W
H
T
P± 1
W
H
T
P± 1
W
H
T
P± 1
0.01
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
0.015
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
13.0
7.0
10.0
0.6
0.022
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
20.0
13.0
7.0
15.0
0.6
0.033
14.0
12.0
8.0
10.0
0.6
14.0
12.0
8.0
10.0
0.6
14.0
12.0
8.0
10.0
0.6
20.0
13.0
8.0
15.0
0.6
0.047
14.0
11.0
7.0
10.0
0.6
14.0
12.0
8.0
10.0
0.6
20.0
13.0
8.0
15.0
0.6
20.0
14.5
9.0
15.0
0.6
0.068
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
20.0
13.0
8.0
15.0
0.6
26.0
14.5
9.0
21.0
0.8
0.1
14.0
10.0
6.0
10.0
0.6
14.0
11.0
8.0
10.0
0.6
20.0
13.0
8.0
15.0
0.8
26.0
16.0
10.0
21.0
0.8
0.15
18.0
12.0
7.0
15.0
0.6
20.0
12.5
8.0
15.0
0.8
26.0
14.5
8.0
22.5
0.8
26.0
18.0
11.5
21.0
0.8
0.22
18.0
12.0
7.0
15.0
0.8
20.0
13.0
9.0
15.0
0.8
26.0
15.0
10.0
22.5
0.8
32.0
20.0
11.5
27.5
0.8
0.33
18.0
13.0
8.0
15.0
0.8
20.0
15.0
10.0
15.0
0.8
26.0
19.0
11.0
22.5
0.8
32.0
22.0
13.0
27.5
0.8
0.47
18.0
15.0
10.0
15.0
0.8
26.0
16.0
10.0
20.0
0.8
32.0
18.0
11.0
27.5
0.8
32.0
24.0
15.0
27.5
0.8
0.56
18.0
17.0
12.0
15.0
0.8
26.0
17.0
10.5
20.0
0.8
32.0
20.0
11.5
27.5
0.8
36.0
25.5
17.5
31.0
0.8
0.68
24.0
16.0
9.5
20.0
0.8
26.0
19.0
11.0
20.0
0.8
32.0
21.5
12.0
27.5
0.8
36.0
26.0
18.0
31.0
0.8
1.0
24.0
17.5
11.0
20.0
0.8
32.0
20.0
11.5
27.5
0.8
32.0
25.0
16.0
27.5
0.8
1.5
32.0
18.0
12.0
27.5
0.8
32.0
22.5
13.5
27.5
0.8
2.2
32.0
20.0
12.0
27.5
0.8
32.0
24.0
15.0
27.5
0.8
3.3
32.0
24.0
16.0
27.5
0.8
36.0
27.0
17.0
31.0
0.8
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polypropylene
Film Capacitors
DMPP Series
(Radial Dipped)
FEATURES
Low dissipation factor and high insulation resistance
High stability of capacitance and DF versus temperature and
frequency
Non-inductive construction
Self-healing properties
Flame retardant epoxy resin coating
SPECIFICATIONS
1. Operating temperature:
-55
oC to +105oC
2.
Capacitance range:
0.01
μF to 3.3μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
PART NUMBERING SYSTEM
DMPP
103
J
2A
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
2E
2G
2J
50V
100V
250V
400V
630V
Tape & Reel/Tape & Ammo available for lead space < 10 mm
Please contact factory for part number.
DMPP are constructed with metallized
polypropylene film dielectric, tinned copper leads,
and an epoxy resin coating. They are suitable for
blocking,
bypassing,
coupling
and
decoupling,
filtering,
timing,
tuning,
and
temperature
compensation.
DMPP
are
ideal
for
use
in
telecommunication
equipment,
data
processing
equipment,
industrial
instruments,
automatic
control systems, and other devices
.
*Voltage derated at operating temperature >85
oC
Voltage
Specifications are subject to change without notice.
rev.6a


Similar Part No. - DMPP103K2E

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMP DUBILIER-DMP Datasheet
281Kb / 2P
   5mm BOX POLYESTER
logo
DDK Ltd.
DMP-SA-MMCXP DDK-DMP-SA-MMCXP Datasheet
710Kb / 5P
   Micro-Miniature Coaxial Connectors
DMP-SA-PDMJ DDK-DMP-SA-PDMJ Datasheet
673Kb / 31P
   Conversion Connector
DMP-SA-PDMP DDK-DMP-SA-PDMP Datasheet
673Kb / 31P
   Conversion Connector
DMP-SA-PLFJ DDK-DMP-SA-PLFJ Datasheet
673Kb / 31P
   Conversion Connector
More results

Similar Description - DMPP103K2E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com