Electronic Components Datasheet Search |
|
CPR2512Q1004DE Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION |
|
CPR2512Q1004DE Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION |
4 / 9 page Environmental Characteristics Storage Temperature: 25±3 °C; Humidity < 80%RH Item Requirement Test Method Temperature Coefficient of Resistance (T.C.R.) As Spec. JIS-C-5201-1 4.8 IEC-60115-1 4.8 -55 °C~+125°C, 25°C is the reference temperature Short Time Overload ±(1.0%+0.05Ω) JIS-C-5201-1 4.13 IEC-60115-1 4.13 RCWV*2.5 or Max. overload voltage for 5 seconds Insulation Resistance ≥10G JIS-C-5201-1 4.6 IEC-60115-1 4.6 Max. overload voltage for 1 minute Endurance ±(1.0%+0.05Ω) JIS-C-5201-1 4.25 IEC-60115-1 4.25.1 70 ±2°C, Max. working voltage for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF” Damp Heat with Load ±(0.5%+0.05 Ω) JIS-C-5201-1 4.24 40 ±2°C, 90~95% R.H. Max. working voltage for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF” Dry Heat ±(0.5%+0.05 Ω) JIS-C-5201-1 4.23 IEC-60115-1 2.23.2 at +155 °C for 1000 hrs Bending Strength ±(1.0%+0.05Ω) JIS-C-5201-1 4.33 IEC-60115-1 4.33 Bending once for 5 seconds 2010, 2512 sizes: 2mm Other sizes: 3mm Solderability 95% min. coverage JIS-C-5201-1 4.17 IEC-60115-1 4.17 245 ±5°C for 3 seconds Resistance to Soldering Heat ±(0.5%+0.05 Ω) JIS-C-5201-1 4.18 IEC-60115-1 4.18 260 ±5°C for 10 seconds Voltage Proof No breakdown or flashover JIS-C-5201-1 4.7 IEC-60115-1 4.7 1.42 times RCWV (RMS) for 1 minute Leaching Individual leaching area ≦5% Total leaching area ≦ 10% JIS-C-5201-1 4.18 IEC-60068-2-58 8.2.1 260 ±5°C for 30 seconds Rapid Change of Temperature ±(0.5%+0.05 Ω) JIS-C-5201-1 4.18 IEC-60115-1 4.18 -55 °C to +155°C, 5 cycles CPR Series Pulse Withstanding Thick Film Chip Resistor Rev.7 |
Similar Part No. - CPR2512Q1004DE |
|
Similar Description - CPR2512Q1004DE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |