Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPR0805A1005DE Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR0805A1005DE
Description  Pulse Withstanding Thick Film Chip Resistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR0805A1005DE Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

  CPR0805A1005DE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR0805A1005DE Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Pulse withstand capacity
The single impulse graph is the result of 50 impulses of rectangular shape applied at one-minute intervals. The limit of acceptance was
a shift in resistance of less than 1% from the initial value. The power applied was subject to the restrictions of the maximum permissible
impulse voltage graph shown.
CPR Series
Pulse Withstanding
Thick Film Chip Resistor
2512
2010
1206
0805
1.2/50 us Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
Single Pulse (100 Ohm)
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse Duration(s)
0603
0805
1206
1210
2010
2512
Rev.7


Similar Part No. - CPR0805A1005DE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPR03100R0JE6630 VISHAY-CPR03100R0JE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0JE6631 VISHAY-CPR03100R0JE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0JE6632 VISHAY-CPR03100R0JE6632 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0RE6630 VISHAY-CPR03100R0RE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0RE6631 VISHAY-CPR03100R0RE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
More results

Similar Description - CPR0805A1005DE

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
   Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com