Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMSF104J250VAC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # FMSF104J250VAC
Description  Segmented Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

FMSF104J250VAC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  FMSF104J250VAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Segmented Film Capacitors
(DMSF,FMSF,TMSF)
FEATURES
Segmented metallized film material, safety-compliant.
High reliability, moisture resistance and excellent electrical
characteristics.
Low ESR
Non-inductive construction available
SPECIFICATIONS
1. Operating temperature:
-40oC to +85oC
2. Capacitance range:
0.001μF to 0.47μF
3. Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4. Rated voltage:
Up to 700VAC
5. Dissipation factor:
0.1% max. at 1KHz 25oC
6. Insulation resistance:
>30000MΩ
(C ≤ 0.33μF)
>1000MΩ.uF (C > 0.33μF)
PART NUMBERING SYSTEM
FMSF
103
K
250VAC
Meritek Series
(DMSF, FMSF,TMSF)
Capacitance
CODE
102
103
104
105
( pF )
1,000
10,000
100,000
( nF )
1
10
100
1000
(
μF )
0.001
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
Segmented Film capacitors have a conventional
winding
structure
with
unique
segmented
metallized electrodes. These electrodes form a
parallel
connection
of
many
small
valued
capacitors. Should dielelectric breakdown occur due
to over voltage, only the faulty small cap is
disconnected resulting in an open circuit, thereby
preventing the entire capacitor from burning.
38 min
38 min
L max
D max
TMSF series
d +/-0 .0 5
T max
W ma x
P +/-1 .0
DMSF series
d+ /-0.0 5
L m a x
W m a x
P + /-1 .0
FMSF series
Dimensions
mm
W
L
T
P
d
xx
xx
xx
Xx
xx
SF Series


Similar Part No. - FMSF104J250VAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FMS SCHURTER-FMS Datasheet
225Kb / 2P
   Fuseholder Open Design, Holder for MSx 250, THT
04.01.2022
logo
Isabellenhütte Heu...
FMS ISABELLENHUETTE-FMS Datasheet
607Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 2512 (6432 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
11-November-2019
logo
Heyco.
FMS HEYCO-FMS Datasheet
166Kb / 1P
   Fan Mounts
logo
M-System Co.,Ltd.
FMS-0-K MSYSTEM-FMS-0-K Datasheet
96Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FMSF104J250VAC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RWSF-W MERITEK-RWSF-W Datasheet
85Kb / 1P
   Segmented Film Capacitors
RWSF-T2 MERITEK-RWSF-T2 Datasheet
71Kb / 1P
   Segmented Film Capacitors
SF MERITEK-SF Datasheet
65Kb / 1P
   Segmented metallized film material, safety-compliant
logo
Ningbo Foryard Optoelec...
FYA-CR41AX-XX FORYARD-FYA-CR41AX-XX Datasheet
416Kb / 5P
   Lightbar segmented
FYA-R2010AZUW-X1 FORYARD-FYA-R2010AZUW-X1 Datasheet
392Kb / 5P
   Lightbar segmented
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
   GTO Clamping Capacitors, Self-healing, Segmented
Revision 14-Jan-02
logo
Ningbo Foryard Optoelec...
FYA-C18EZX-XX FORYARD-FYA-C18EZX-XX Datasheet
389Kb / 5P
   Lightbar segmented
FYA-R021407AZX-XX FORYARD-FYA-R021407AZX-XX Datasheet
386Kb / 5P
   Lightbar segmented
FYA-C20AZX-XX FORYARD-FYA-C20AZX-XX Datasheet
394Kb / 5P
   Lightbar segmented
FYA-R053007AZX-XX FORYARD-FYA-R053007AZX-XX Datasheet
385Kb / 5P
   Lightbar segmented
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com