Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1014DI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ1014DI
Description  EZBuck??5A Simple Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1014DI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ1014DI_09 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1014DI_09 Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AOZ1014
Rev. 1.2 October 2009
www.aosmd.com
Page 7 of 19
Derating Curve at 5V Input
6
5
4
3
2
1
0
6
5
4
3
2
1
0
25
35
45
55
65
75
85
Ambient Temperature (TA)
Derating Curve at 12V Input
5.0V OUTPUT
3.3V OUTPUT
8.0V OUTPUT
5.0V OUTPUT
1.8V OUTPUT
1.8V OUTPUT
3.3V OUTPUT
25
35
45
55
65
75
85
Ambient Temperature (TA)
Thermal de-rating curves for SO-8 package part under typical input and output conditions. Circuit of Figure 1.
25
°C ambient temperature and natural convection (air speed < 50LFM) unless otherwise specified.
Derating Curve at 5V Input
6
5
4
3
2
1
0
6
5
4
3
2
1
0
25
35
45
55
65
75
85
Ambient Temperature (TA)
Derating Curve at 12V Input
1.8V OUTPUT
1.8V OUTPUT
8.0V OUTPUT
3.3V OUTPUT
3.3V OUTPUT
5.0V OUTPUT
5.0V OUTPUT
25
35
45
55
65
75
85
Ambient Temperature (TA)
Thermal de-rating curves for DFN-8 package part under typical input and output conditions. Circuit of Figure 1.
25
°C ambient temperature and natural convection (air speed < 50LFM) unless otherwise specified.


Similar Part No. - AOZ1014DI_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014DI AOSMD-AOZ1014DI Datasheet
1Mb / 21P
   EZBuck TM 5A Simple Buck Regulator
More results

Similar Description - AOZ1014DI_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014 AOSMD-AOZ1014 Datasheet
1Mb / 21P
   EZBuck TM 5A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com