Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD780 Datasheet(PDF) 8 Page - Analog Devices

Part # AD780
Description  2.5 V/3.0 V High Precision Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices AD780 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD780
REV. B
–8–
LINE REGULATION
Line regulation is a measure of the change in output voltage due
to a specified change in input voltage. It is intended to simulate
worst case unregulated supply conditions and is measured in
µV/V. Figure 14 shows typical performance with 4.0 V < VIN <
15.0 V.
200
–200
415
100
–100
10
0
INPUT VOLTAGE – Volts
T = 25 C
Figure 14. Output Voltage Change vs. Input Voltage
PRECISION REFERENCE FOR HIGH RESOLUTION
+5 V DATA CONVERTERS
The AD780 is ideally suited to be the reference for most +5 V
high resolution ADCs. The AD780 is stable under any capaci-
tive load, it has superior dynamic load performance, and the
3.0 V output provides the converter with maximum dynamic
range without requiring an additional and expensive buffer am-
plifier. One of the many ADCs that the AD780 is suited for is
the AD7884, a 16-bit, high speed sampling ADC. (See Figure
15.) This part previously needed a precision 5.0 V reference, re-
sistor divider and buffer amplifier to do this function.
+5V
VIN
VOUT
GND
AD780
1 F
VREF +F
VREF +S
AD7884
2.5/3.0V
SELECT
Figure 15. Precision 3.0 V Reference for the AD7884
16-Bit, High Speed ADC
The AD780 is also ideal for use with higher resolution convert-
ers such as the AD7710/AD7711/AD7712. (See Figure 16.)
While these parts are specified with a 2.5 V internal reference,
the AD780 in 3 V mode can be used to improve the absolute ac-
curacy, temperature stability and dynamic range. It is shown fol-
lowing with the two optional noise reduction capacitors.
+5V
VIN
VOUT
GND
AD780
1 F
REFIN+
REFIN–
AD7710
2.5/3.0V
SELECT
100 F
100nF
Figure 16. Precision 2.5 V or 3.0 V Reference for the
AD7710 High Resolution, Sigma-Delta ADC
+4.5 V REFERENCE FROM +5 V SUPPLY
Some +5 V high resolution ADCs can accommodate reference
voltages up to +4.5 V. The AD780 can be used to provide a
precision +4.5 V reference voltage from a +5 V supply using the
circuit shown following in Figure 17. This circuit will provide a
regulated +4.5 V output from a supply voltage as low as +4.7 V.
The high quality tantalum 10
µF capacitor in parallel with the
ceramic 0.1
µF capacitor and the 3.9 Ω resistor ensure a low
output impedance up to around 50 MHz.
AD780
2N2907
10 F
3.9
4k
0.01%
5k
0.01%
0.1 F
0.1 F
1k
VSUPPLY
VOUT
OP90
2.5k
0.1 F
Figure 17. +4.5 V Reference from a Single +5 V Supply


Similar Part No. - AD780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780 AD-AD780 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
AD780 AD-AD780 Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BR AD-AD7801BR Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BR AD-AD7801BR Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com