Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1022DI-01 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ1022DI-01
Description  EZBuck??3A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1022DI-01 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ1022DI-01 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1022DI-01 Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AOZ1022DI-01
Rev.3.1 November 2012
www.aosmd.com
Page 8 of 15
Some standard value of R1, R2 and most used output
voltage values are listed in Table 1.
The combination of R1 and R2 should be large enough to
avoid drawing excessive current from the output, which
will cause power loss.
Since the switch duty cycle can be as high as 100%, the
maximum output voltage can be set as high as the input
voltage minus the voltage drop on upper PMOS and
inductor.
Protection Features
The AOZ1022DI-01 has multiple protection features to
prevent system circuit damage under abnormal
conditions.
Over Current Protection (OCP)
The sensed inductor current signal is also used for
over current protection. Since the AOZ1022DI-01
employs peak current mode control, the COMP pin
voltage is proportional to the peak inductor current. The
COMP pin voltage is limited to be between 0.4V and 2.5V
internally. The peak inductor current is automatically
limited cycle by cycle.
When the output is shorted to ground under fault
conditions, the inductor current decays very slow during
a switching cycle because of VO = 0V. To prevent
catastrophic failure, a secondary current limit is designed
inside the AOZ1022DI-01. The measured inductor
current is compared against a preset voltage which
represents the current limit, between 3.5A and 5.0A.
When the output current is more than current limit, the
high side switch will be turned off. The converter will
initiate a soft start once the over-current condition is
resolved.
Power-On Reset (POR)
A power-on reset circuit monitors the input voltage.
When the input voltage exceeds 4.1V, the converter
starts operation. When input voltage falls below 3.7V,
the converter shuts down.
Thermal Protection
An internal temperature sensor monitors the junction
temperature. It shuts down the internal control circuit and
high side PMOS if the junction temperature exceeds
150°C. The regulator will restart automatically under the
control of soft-start circuit when the junction temperature
decreases to 100°C.
Application Information
The basic AOZ1022DI-01 application circuit is show in
Figure 1. Component selection is explained below.
Input Capacitor
The input capacitor must be connected to the VIN pin and
PGND pin of AOZ1022DI-01 to maintain steady input
voltage and filter out the pulsing input current. The
voltage rating of input capacitor must be greater than
maximum input voltage plus ripple voltage.
The input ripple voltage can be approximated by
equation below:
Since the input current is discontinuous in a buck
converter, the current stress on the input capacitor is
another concern when selecting the capacitor. For a
buck circuit, the RMS value of input capacitor current
can be calculated by:
if we let m equal the conversion ratio:
The relation between the input capacitor RMS current
and voltage conversion ratio is calculated and shown in
Figure 2 on the next page. It can be seen that when VO is
half of VIN, CIN is under the worst current stress. The
worst current stress on CIN is 0.5 x IO.
For reliable operation and best performance, the input
capacitors must have current rating higher than ICIN_RMS
at worst operating conditions. Ceramic capacitors are
preferred for input capacitors because of their low ESR
and high current rating. Depending on the application
circuits, other low ESR tantalum capacitor may also be
used. When selecting ceramic capacitors, X5R or X7R
type dielectric ceramic capacitors should be used for
their better temperature and voltage characteristics.
VO (V)
R1 (k)
R2 (k)
0.8
1.0
open
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
31.1
10
5.0
52.3
10
V
IN
I
O
fC
IN
-----------------
1
V
O
V
IN
---------



V
O
V
IN
---------
=
I
CIN_RMS
I
O
V
O
V
IN
--------- 1
V
O
V
IN
---------



=
V
O
V
IN
---------
m
=


Similar Part No. - AOZ1022DI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
More results

Similar Description - AOZ1022DI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com