Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1022PI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1022PI
Description  EZBuck??3A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1022PI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1022PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. 1.6 December 2010
www.aosmd.com
Page 1 of 17
AOZ1022
EZBuck™ 3A Synchronous Buck Regulator
General Description
The AOZ1022 is a synchronous high efficiency, simple
to use, 3A buck regulator. The AOZ1022 works from a
4.5V to 16V input voltage range, and provides up to 3A
of continuous output current with an output voltage
adjustable down to 0.8V.
The AOZ1022 comes in a DFN 5x4 and an EPAD SO-8
package and is rated over a -40°C to +85°C ambient
temperature range.
Features
4.5V to 16V operating input voltage range
Synchronous rectification: 100minternal high-side
switch and 20m
Internal low-side switch
High efficiency: up to 95%
Internal soft start
Active high power good state
Output voltage adjustable to 0.8V
3A continuous output current
Fixed 500kHz PWM operation
Cycle-by-cycle current limit
Pre-bias start-up
Short-circuit protection
Thermal shutdown
Small size DFN 5x4 and EPAD SO-8 package
Applications
Point of load DC-DC conversion
PCIe graphics cards
Set top boxes
DVD drives and HDD
LCD panels
Cable modems
Telecom/networking/datacom equipment
Typical Application
Figure 1. 3.3V/3A Synchronous Buck Regulator
LX
PGOOD
VIN
VIN
VOUT
5V DC
FB
PGND
EN
COMP
AGND
C2, C3
22µF Ceramic
R1
R3
R2
CC
RC
C1
22µF
Ceramic
L1 4.7µH
AOZ1022


Similar Part No. - AOZ1022PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results

Similar Description - AOZ1022PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com