Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1057AI Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ1057AI
Description  EZBuck??3A Simple Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1057AI Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ1057AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AOZ1057
Rev. 1.3 November 2009
www.aosmd.com
Page 8 of 15
Output Voltage Programming
Output voltage can be set by feeding back the output to
the FB pin with a resistor divider network. In the
application circuit shown in Figure 1. The resistor divider
network includes R1 and R2. Usually, a design is started
by picking a fixed R2 value and calculating the required
R1 with equation below.
Some standard values of R1 and R2 for most commonly
used output voltage values are listed in Table 1.
Table 1.
The combination of R1 and R2 should be large enough to
avoid drawing excessive current from the output, which
will cause power loss.
Since the switch duty cycle can be as high as 100%, the
maximum output voltage can be set as high as the input
voltage minus the voltage drop on upper PMOS and
inductor.
Protection Features
The AOZ1057 has multiple protection features to prevent
system circuit damage under abnormal conditions.
Over Current Protection (OCP)
The sensed inductor current signal is also used for over
current protection. Since the AOZ1057 employs peak
current mode control, the COMP pin voltage is
proportional to the peak inductor current. The COMP
pin voltage is limited to be between 0.4V and 2.5V
internally. The peak inductor current is automatically
limited cycle by cycle.
The cycle-by-cycle current limit threshold is set between
3.5A and 5A. When the load current reaches the
current limit threshold, the cycle-by-cycle current limit
circuit turns off the high side switch immediately to
terminate the current duty cycle. The inductor current stop
rising. The cycle-by-cycle current limit protection directly
limits inductor peak current. The average inductor current
is also limited due to the limitation on peak inductor cur-
rent. When cycle-by-cycle current limit circuit is triggered,
the output voltage drops as the duty cycle decreases.
The AOZ1057 has internal short circuit protection to
protect itself from catastrophic failure under output short
circuit conditions. The FB pin voltage is proportional to the
output voltage. Whenever FB pin voltage is below 0.2V,
the short circuit protection circuit is triggered. As a result,
the converter is shut down and hiccups. The converter will
start up via a soft start once the short circuit condition
disappears. In short circuit protection mode, the inductor
average current is greatly reduced.
UVLO
A UVLO circuit monitors the input voltage. When the input
voltage exceeds 4V, the converter starts operation. When
input voltage falls below 3.7V, the converter will stop
switching.
Output Over Voltage Protection (OVP)
The AOZ1057 monitors the feedback voltage: when the
feedback voltage is higher than 960mV, it immediately
turns-off the PMOS to protect the output voltage over-
shoot at fault condition. When feedback voltage is lower
than 840mV, the PMOS is allowed to turn on in the next
cycle.
Thermal Protection
An internal temperature sensor monitors the junction
temperature. It shuts down the internal control circuit and
high side PMOS if the junction temperature exceeds
150°C. The regulator will restart automatically under the
control of soft-start circuit when the junction temperature
decreases to 100°C.
Application Information
The basic AOZ1057 application circuit is shown in
Figure 1. Component selection is explained below.
Input Capacitor
The input capacitor must be connected to the VIN pin and
PGND pin of the AOZ1057 to maintain steady input
voltage and filter out the pulsing input current. The
voltage rating of input capacitor must be greater than
maximum input voltage + ripple voltage.
The input ripple voltage can be approximated by equation
below:
VO (V)
R1 (kΩ)
R2 (kΩ)
0.8
1.0
Open
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
31.6
10
5.0
52.3
10
VO
0.8
1
R1
R2
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
ΔVIN
IO
fCIN
×
-----------------
1
VO
VIN
---------
⎝⎠
⎜⎟
⎛⎞
VO
VIN
---------
×
×
=


Similar Part No. - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results

Similar Description - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com